Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M24512-DRDW3TP Datasheet(PDF) 34 Page - STMicroelectronics

Part # M24512-DRDW3TP
Description  Automotive 512-Kbit serial I²C bus EEPROM with 1 MHz clock
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24512-DRDW3TP Datasheet(HTML) 34 Page - STMicroelectronics

Back Button M24512-DRDW3TP Datasheet HTML 30Page - STMicroelectronics M24512-DRDW3TP Datasheet HTML 31Page - STMicroelectronics M24512-DRDW3TP Datasheet HTML 32Page - STMicroelectronics M24512-DRDW3TP Datasheet HTML 33Page - STMicroelectronics M24512-DRDW3TP Datasheet HTML 34Page - STMicroelectronics M24512-DRDW3TP Datasheet HTML 35Page - STMicroelectronics M24512-DRDW3TP Datasheet HTML 36Page - STMicroelectronics M24512-DRDW3TP Datasheet HTML 37Page - STMicroelectronics M24512-DRDW3TP Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 40 page
background image
Package mechanical data
M24512-A125
34/40
DocID023507 Rev 5
Figure 14. SO8N – 8 lead plastic small outline, 150 mils body width, package outline
1. Drawing is not to scale.
Table 14. SO8N – 8 lead plastic small outline, 150 mils body width, package data
Symbol
millimeters
inches (1)
1. Values in inches are converted from mm and rounded to four decimal digits.
Typ
Min
Max
Typ
Min
Max
A
-
-
1.750
-
-
0.0689
A1
-
0.100
0.250
-
0.0039
0.0098
A2
-
1.250
-
-
0.0492
-
b
-
0.280
0.480
-
0.0110
0.0189
c
-
0.170
0.230
-
0.0067
0.0091
ccc
-
-
0.100
-
-
0.0039
D
4.900
4.800
5.000
0.1929
0.1890
0.1969
E
6.000
5.800
6.200
0.2362
0.2283
0.2441
E1
3.900
3.800
4.000
0.1535
0.1496
0.1575
e
1.270
-
-
0.0500
-
-
h
-
0.250
0.500
-
0.0098
0.0197
k
-
0°
8°
-
0°
8°
L
-
0.400
1.270
-
0.0157
0.0500
L1
1.040
-
-
0.0409
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com