Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M24512-DRMF3TP Datasheet(PDF) 14 Page - STMicroelectronics

Part # M24512-DRMF3TP
Description  Automotive 512-Kbit serial I²C bus EEPROM with 1 MHz clock
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24512-DRMF3TP Datasheet(HTML) 14 Page - STMicroelectronics

Back Button M24512-DRMF3TP Datasheet HTML 10Page - STMicroelectronics M24512-DRMF3TP Datasheet HTML 11Page - STMicroelectronics M24512-DRMF3TP Datasheet HTML 12Page - STMicroelectronics M24512-DRMF3TP Datasheet HTML 13Page - STMicroelectronics M24512-DRMF3TP Datasheet HTML 14Page - STMicroelectronics M24512-DRMF3TP Datasheet HTML 15Page - STMicroelectronics M24512-DRMF3TP Datasheet HTML 16Page - STMicroelectronics M24512-DRMF3TP Datasheet HTML 17Page - STMicroelectronics M24512-DRMF3TP Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 40 page
background image
Device operation
M24512-A125
14/40
DocID023507 Rev 5
3.6
Identification page
The M24512-A125 offers an Identification Page (128 bytes) in addition to the 512 Kbit
memory.
The Identification page contains two fields:
•
Device identification code: the first three bytes are programmed by STMicroelectronics
with the Device identification code, as shown in Table 4.
•
Application parameters: the bytes after the Device identification code are available for
application specific data.
Note:
If the end application does not need to read the Device identification code, this field can be
overwritten and used to store application-specific data. Once the application-specific data
are written in the Identification page, the whole Identification page should be permanently
locked in Read-only mode.
The instructions Read, Write and Lock Identification Page are detailed in Section 4:
Instructions.
Table 4. Device identification code
Address in
Identification page
Content
Value
00h
ST manufacturer code
20h
01h
I2C family code
E0h
02h
Memory density code
10h (512 Kbit)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com