Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74F11PC Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 74F11PC
Description  Triple 3-Input AND Gate
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

74F11PC Datasheet(HTML) 1 Page - National Semiconductor (TI)

  74F11PC Datasheet HTML 1Page - National Semiconductor (TI) 74F11PC Datasheet HTML 2Page - National Semiconductor (TI) 74F11PC Datasheet HTML 3Page - National Semiconductor (TI) 74F11PC Datasheet HTML 4Page - National Semiconductor (TI) 74F11PC Datasheet HTML 5Page - National Semiconductor (TI) 74F11PC Datasheet HTML 6Page - National Semiconductor (TI) 74F11PC Datasheet HTML 7Page - National Semiconductor (TI) 74F11PC Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
54F/74F11
Triple 3-Input AND Gate
General Description
This device contains three independent gates, each of which
performs the logic AND function.
Ordering Code: See Section 0
Commercial
Military
Package
Package Description
Number
74F11PC
N14A
14-Lead (0.300" Wide) Molded Dual-In-Line
54F11DM (Note 2)
J14A
14-Lead Ceramic Dual-In-Line
74F11SC (Note 1)
M14A
14-Lead (0.150" Wide) Molded Small Outline, JEDEC
74F11SJ (Note 1)
M14D
14-Lead (0.300" Wide) Molded Small Outline, EIAJ
54F11FM (Note 2)
W14B
14-Lead Cerpack
54F11LM (Note 2)
E20A
20-Lead Ceramic Leadless Chip Carrier, Type C
Note 1: Devices also available in 13" reel. Use suffix = SCX and SJX.
Note 2: Military grade device with environmental and burn-in processing. Use suffix = DMQB, FMQB and LMQB.
Logic Symbol
TRI-STATE® is a registered trademark of National Semiconductor Corporation.
IEEE/IEC
DS009459-3
December 1994
© 1997 National Semiconductor Corporation
DS009459
www.national.com
1
PrintDate=1997/08/26 PrintTime=16:09:23 9520 ds009459 Rev. No. 1
cmserv
Proof
1
DSXXX


Similar Part No. - 74F11PC

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74F11PC FAIRCHILD-74F11PC Datasheet
48Kb / 4P
Triple 3-Input AND Gate
74F11PC FAIRCHILD-74F11PC Datasheet
64Kb / 5P
Triple 3-Input AND Gate
logo
Texas Instruments
74F11PC TI1-74F11PC Datasheet
347Kb / 10P
Triple 3-Input AND Gate
More results

Similar Description - 74F11PC

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
SN54LS15 MOTOROLA-SN54LS15 Datasheet
123Kb / 4P
TRIPLE 3-INPUT AND GATE
logo
NXP Semiconductors
74ALS11A PHILIPS-74ALS11A Datasheet
77Kb / 7P
Triple 3-Input AND gate
1991 Feb 08
logo
STMicroelectronics
M74HC11 STMICROELECTRONICS-M74HC11 Datasheet
177Kb / 8P
TRIPLE 3-INPUT AND GATE
Aug-2001
logo
Fairchild Semiconductor
DM74ALS11A FAIRCHILD-DM74ALS11A Datasheet
46Kb / 4P
Triple 3-Input AND Gate
logo
Hitachi Semiconductor
HD14073B HITACHI-HD14073B Datasheet
49Kb / 4P
Triple 3-input AND Gate
logo
Toshiba Semiconductor
TC74VHC11F TOSHIBA-TC74VHC11F_07 Datasheet
210Kb / 8P
Triple 3-Input AND Gate
logo
Texas Instruments
54F11 TI1-54F11 Datasheet
347Kb / 10P
Triple 3-Input AND Gate
logo
Toshiba Semiconductor
TC74AC11F TOSHIBA-TC74AC11F_12 Datasheet
244Kb / 7P
Triple 3-Input AND Gate
TC74VHC11F TOSHIBA-TC74VHC11F_12 Datasheet
193Kb / 7P
Triple 3-Input AND Gate
logo
Nexperia B.V. All right...
74HCT11-Q100 NEXPERIA-74HCT11-Q100 Datasheet
228Kb / 11P
Triple 3-input AND gate
Rev. 4 - 11 August 2021
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com