Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RDC50 Datasheet(PDF) 5 Page - ALPS ELECTRIC CO.,LTD.

Part # RDC50
Description  Rotary sensors catering to diverse position detection needs
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

RDC50 Datasheet(HTML) 5 Page - ALPS ELECTRIC CO.,LTD.

  RDC50 Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. RDC50 Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. RDC50 Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD. RDC50 Datasheet HTML 4Page - ALPS ELECTRIC CO.,LTD. RDC50 Datasheet HTML 5Page - ALPS ELECTRIC CO.,LTD. RDC50 Datasheet HTML 6Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
464
464
List of Varieties
Resistive Position Sensors
Type
Rotary Type
Magnetic Rotary Type
Series
RDC40
RDC50
RDC90
RDC80
RD6R1A
RDCC0
Photo
Direction of lever
Horizontal
Vertical
Horizontal
Vertical
Effective electrical angle(°)
5,400
(15 rotations)
333.3
80, 260
340(1-phase)
360(2-phase)
320
30
Linearity guarantee range(°)
4,680
(13 rotations)
320
60, 244
330(1-phase)
360(2-phase)
310
±15
Travel
ー
ー
ー
ー
ー
ー
Operating temperature range −30℃ to +80℃
−40℃ to +120℃
−40℃ to +85℃
0℃ to +50℃
Operating life
100,000 cycles 1,000,000 cycles
10,000,000
cycles
100,000 cycles
500,000 cycles
10,000,000
cycles
Available for automotive use
●
●
●
●
●
ー
Life cycle (availability)
Mechanical
performance
Operating force
ー
ー
ー
ー
ー
ー
Rotational torque 1.96mN・m max.
2mN・m max.
10mN・m max.
100mN・m
5mN・m max.
Electrical
performance
Total resistance
tolerance
±30%
±20%
ー
Linearity(%)
±1
±2
±3
±2 (320°)
±2
Rated voltage
(V DC)
5
Environmental
performance
Cold
−30℃ 240h
−40℃ 168h
−40℃ 240h
Dry heat
80℃ 240h
120℃ 168h
85℃ 168h
85℃ 240h
Damp heat
60℃,
90 to 95%RH 240h
60℃, 90 to 95%RH 96h
80℃,
90 to 95%RH 96h
60℃,
90 to 95%RH 240h
Terminal style
Connector
Insertion / Reflow
Reflow
Connector
Page
466
469
470
471
Resistive Position Sensors Measurement and Test Methods ・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・ 477
Resistive Position Sensors Soldering Conditions・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・ 478
Resistive Position Sensors Cautions・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・ 479
Note
●
Indicates applicability to all products in the series.
NEW



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com