Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M95040-A145 Datasheet(PDF) 21 Page - STMicroelectronics

Part # M95040-A145
Description  Automotive 4-Kbit serial SPI bus EEPROMs
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M95040-A145 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button M95040-A145 Datasheet HTML 17Page - STMicroelectronics M95040-A145 Datasheet HTML 18Page - STMicroelectronics M95040-A145 Datasheet HTML 19Page - STMicroelectronics M95040-A145 Datasheet HTML 20Page - STMicroelectronics M95040-A145 Datasheet HTML 21Page - STMicroelectronics M95040-A145 Datasheet HTML 22Page - STMicroelectronics M95040-A145 Datasheet HTML 23Page - STMicroelectronics M95040-A145 Datasheet HTML 24Page - STMicroelectronics M95040-A145 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 41 page
background image
DocID024225 Rev 6
21/41
M95040-A125 M95040-A145
Instructions
40
4.7
Read Identification Page (RDID)
The Read Identification Page instruction is used to read the Identification Page (additional
page of 16 byte which can be written and later permanently locked in Read-only mode).
The Chip Select (S) signal is first driven low, the bits of the instruction byte and address
bytes are then shifted in (MSB first) on Serial Data input (D). Address bit A8 must be 0 and
the other upper address bits are Don't Care (it might be easier to define these bits as 0, as
shown in Table 6). The data byte pointed to by the lower address bits [A4:A0] is shifted out
(MSB first) on Serial Data output (Q).
The first byte addressed can be any byte within the identification page.
If Chip Select (S) continues to be driven low, the internal address register is automatically
incremented and the byte of data at the new address is shifted out.
Note that there is no roll over feature in the Identification Page. The address of bytes to read
must not exceed the page boundary.
The read cycle is terminated by driving Chip Select (S) high. The rising edge of the Chip
Select (S) signal can occur at any time when the data bits are shifted out.
The instruction is not accepted, and is not executed, if a Write cycle is currently in progress.
Figure 12. Read Identification Page sequence
The first three bytes of the Identification page offer information about the device itself.
Please refer to Section 3.5: Identification page for more information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com