Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M95020-DWDW3TP Datasheet(PDF) 17 Page - STMicroelectronics

Part # M95020-DWDW3TP
Description  Automotive 2-Kbit serial SPI bus EEPROMs
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M95020-DWDW3TP Datasheet(HTML) 17 Page - STMicroelectronics

Back Button M95020-DWDW3TP Datasheet HTML 13Page - STMicroelectronics M95020-DWDW3TP Datasheet HTML 14Page - STMicroelectronics M95020-DWDW3TP Datasheet HTML 15Page - STMicroelectronics M95020-DWDW3TP Datasheet HTML 16Page - STMicroelectronics M95020-DWDW3TP Datasheet HTML 17Page - STMicroelectronics M95020-DWDW3TP Datasheet HTML 18Page - STMicroelectronics M95020-DWDW3TP Datasheet HTML 19Page - STMicroelectronics M95020-DWDW3TP Datasheet HTML 20Page - STMicroelectronics M95020-DWDW3TP Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 41 page
background image
DocID025284 Rev 5
17/41
M95020-A125 M95020-A145
Instructions
40
4.4
Write Status Register (WRSR)
The Write Status Register (WRSR) instruction allows new values to be written to the Status
Register. Before it can be accepted, a Write Enable (WREN) instruction must previously
have been executed.
The Write Status Register (WRSR) instruction is entered (MSB first) by driving Chip Select
(S) low, sending the instruction code followed by the data byte on Serial Data input (D), and
driving the Chip Select (S) signal high.
This instruction allows the user to change the values of the BP1 and BP0 bits which define
the size of the area that is to be treated as read only, as defined in Table 3: Write-protected
block size.
The contents of the BP1, BP0 bits are updated after the completion of the WRSR
instruction, including the Write cycle (tW).
The Write Status Register (WRSR) instruction has no effect on the b6, b5, b4, b1 and b0 bits
in the Status Register (see Table 2: Status Register format). Bits b7, b6, b5, b4 are always
read as 1.
The Status Register functionality is detailed in Section 3.4.2: Status Register and data
protection.
The instruction is not accepted, and is not executed, under the following conditions:
•
if the Write Enable Latch (WEL) bit has not been set to 1 (by executing a Write Enable
instruction just before)
•
if a write cycle is already in progress
•
if the device has not been deselected, by Chip Select (S) being driven high, after the
eighth bit, b0, of the data byte has been latched in
•
if Write Protect (W) is low during the WRSR command (instruction, address and data)
Figure 8. Write Status Register (WRSR) sequence



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com