Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M95320-DRMF8TP Datasheet(PDF) 6 Page - STMicroelectronics

Part # M95320-DRMF8TP
Description  32-Kbit serial SPI bus EEPROM - 105 C Operation
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M95320-DRMF8TP Datasheet(HTML) 6 Page - STMicroelectronics

Back Button M95320-DRMF8TP Datasheet HTML 2Page - STMicroelectronics M95320-DRMF8TP Datasheet HTML 3Page - STMicroelectronics M95320-DRMF8TP Datasheet HTML 4Page - STMicroelectronics M95320-DRMF8TP Datasheet HTML 5Page - STMicroelectronics M95320-DRMF8TP Datasheet HTML 6Page - STMicroelectronics M95320-DRMF8TP Datasheet HTML 7Page - STMicroelectronics M95320-DRMF8TP Datasheet HTML 8Page - STMicroelectronics M95320-DRMF8TP Datasheet HTML 9Page - STMicroelectronics M95320-DRMF8TP Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 41 page
background image
Description
M95320-DRE
6/41
DocID027471 Rev 1
1
Description
The M95320-DRE is a 32-Kbit serial EEPROM device operating up to 105 °C. The M95320-
DRE is compliant with the level of reliability defined by the AEC-Q100 grade 2.
The device is accessed by a simple serial SPI compatible interface running up to 20 MHz.
The memory array is based on advanced true EEPROM technology (Electrically Erasable
PROgrammable Memory). The M95320-DRE is a byte-alterable memory (4096 × 8 bits)
organized as 128 pages of 32 bytes in which the data integrity is significantly improved with
an embedded Error Correction Code logic.
The M95320-DRE offers an additional Identification Page (32 bytes) in which the ST device
identification can be read. This page can also be used to store sensitive application
parameters which can be later permanently locked in read-only mode.
Figure 1. Logic diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com