Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M95040-DRMN4TG Datasheet(PDF) 27 Page - STMicroelectronics

Part # M95040-DRMN4TG
Description  Automotive 4-Kbit serial SPI bus EEPROMs
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M95040-DRMN4TG Datasheet(HTML) 27 Page - STMicroelectronics

Back Button M95040-DRMN4TG Datasheet HTML 23Page - STMicroelectronics M95040-DRMN4TG Datasheet HTML 24Page - STMicroelectronics M95040-DRMN4TG Datasheet HTML 25Page - STMicroelectronics M95040-DRMN4TG Datasheet HTML 26Page - STMicroelectronics M95040-DRMN4TG Datasheet HTML 27Page - STMicroelectronics M95040-DRMN4TG Datasheet HTML 28Page - STMicroelectronics M95040-DRMN4TG Datasheet HTML 29Page - STMicroelectronics M95040-DRMN4TG Datasheet HTML 30Page - STMicroelectronics M95040-DRMN4TG Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 41 page
background image
DocID024225 Rev 6
27/41
M95040-A125 M95040-A145
Delivery state
40
6
Delivery state
The device is delivered with:
•
the memory array set to all 1s (each byte = FFh),
•
Status register: bit BP1 =0 and BP0 =0,
•
Identification page: the first three bytes define the Device identification code (value
defined in Table 4). The content of the following bytes is Don’t Care.
7
Absolute maximum ratings
Stressing the device outside the ratings listed in Table 7 may cause permanent damage to
the device. These are stress ratings only, and operation of the device at these, or any other
conditions outside those indicated in the operating sections of this specification, is not
implied. Exposure to absolute maximum rating conditions for extended periods may affect
device reliability.
Table 7. Absolute maximum ratings
Symbol
Parameter
Min.
Max.
Unit
TSTG
Storage temperature
–65
150
°C
TAMR
Ambient operating temperature
–40
150
°C
TLEAD
Lead temperature during soldering
See note (1)
1. Compliant with JEDEC Std J-STD-020D (for small body, Sn-Pb or Pb-free assembly), the ST ECOPACK®
7191395 specification, and the European directive on Restrictions of Hazardous Substances (RoHS
directive 2011/65/EU of July 2011).
°C
VO
Voltage on Q pin
–0.50
VCC+0.6
V
VI
Input voltage
–0.50
6.5
V
IOL
DC output current (Q = 0)
-
5
mA
IOH
DC output current (Q = 1)
-
5
mA
VCC
Supply voltage
–0.50
6.5
V
VESD
Electrostatic pulse (Human Body Model)(2)
2. Positive and negative pulses applied on pin pairs, in accordance with AEC-Q100-002 (compliant with
ANSI/ESDA/JEDEC JS-001-2012, C1=100 pF, R1=1500
Ω, R2=500 Ω)
-4000
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com