Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RK10J Datasheet(PDF) 6 Page - ALPS ELECTRIC CO.,LTD.

Part # RK10J
Description  Low-profile, dip and reflow solderable
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

RK10J Datasheet(HTML) 6 Page - ALPS ELECTRIC CO.,LTD.

  RK10J_15 Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. RK10J_15 Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. RK10J_15 Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD. RK10J_15 Datasheet HTML 4Page - ALPS ELECTRIC CO.,LTD. RK10J_15 Datasheet HTML 5Page - ALPS ELECTRIC CO.,LTD. RK10J_15 Datasheet HTML 6Page - ALPS ELECTRIC CO.,LTD. RK10J_15 Datasheet HTML 7Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
372
372
List of Varieties
Knob Operating Type Potentiometers
Type
Without knob type
With knob type
Series
RK08H1 □ 1
RK08H1 □ 2
RK08H1 □ 3
RK10J1 □ E
RK10J1 □ R
RK14J1 □ A
RK14J1 □ R
Single-unit/Dual-unit Single-unit/Dual-unit Single-unit/Dual-unit Single-unit/Dual-unit Single-unit/Dual-unit Single-unit/Dual-unit Single-unit/Dual-unit
Photo
Terminal orientation
Vertical
Back-to-back
mounting
Reflow type
Operating temperature range
−10℃ to +60℃
−25℃ to +70℃
Operating life
Without detent 10,000 cycles
With detent 5,000 cycles
10,000 cycles
Automotive use
Life cycle
Electrical
performance
Total resistance
(k Ω)
5, 10, 20, 50, 100
10, 20, 50, 100
Resistance taper
15A, 1B, 3B, 15C
Rated power
0.03W
Insulation resistance
100MΩ min. 100V DC
Voltage proof
100V AC for 1minute
Mechanical
performance
Detent
Without / Center detent
Without
Stopper strength
0.1N
70mN・m
Push-pull strength
10N
5N
Vibration
Terminal style
Insertion
Reflow
Insertion
Reflow
Insertion
Reflow
Page
373
377
Knob Operating Type Potentiometers Soldering Conditions ・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・ 382
Potentiometers Cautions ・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・ 427
Potentiometers Measurement and Test Methods ・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・ 429
Potentiometers Resistance Taper ・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・ 431
※10 to 55 to 10Hz/min., the amplitude is 1.5mm for all the frequencies, in the 3 direction of X, Y and Z for 2 hours respectively
Maximum Attenuation
Residual Resistance
Nominal total resistance
※ Residual resistance
100kΩ≧R≧50kΩ
0.1% or less
of nominal total resistance
50kΩ>R>10kΩ
30Ω or less
10kΩ≧R
20Ω or less
Nominal total resistance
Maximum attenuation
R≧100kΩ
90dB min.
100kΩ>R≧50kΩ
80dB min.
50kΩ>R≧10kΩ
70dB min.
10kΩ>R
60dB min.
※ Applies only to products with
specified residual resistance



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com