Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M95080-DRDW4TG Datasheet(PDF) 15 Page - STMicroelectronics

Part # M95080-DRDW4TG
Description  Automotive 8-Kbit serial SPI bus EEPROMs
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M95080-DRDW4TG Datasheet(HTML) 15 Page - STMicroelectronics

Back Button M95080-DRDW4TG Datasheet HTML 11Page - STMicroelectronics M95080-DRDW4TG Datasheet HTML 12Page - STMicroelectronics M95080-DRDW4TG Datasheet HTML 13Page - STMicroelectronics M95080-DRDW4TG Datasheet HTML 14Page - STMicroelectronics M95080-DRDW4TG Datasheet HTML 15Page - STMicroelectronics M95080-DRDW4TG Datasheet HTML 16Page - STMicroelectronics M95080-DRDW4TG Datasheet HTML 17Page - STMicroelectronics M95080-DRDW4TG Datasheet HTML 18Page - STMicroelectronics M95080-DRDW4TG Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 42 page
background image
DocID024205 Rev 8
15/42
M95080-A125 M95080-A145
Instructions
41
4
Instructions
Each command is composed of bytes (MSBit transmitted first), initiated with the instruction
byte, as summarized in Table 6.
If an invalid instruction is sent (one not contained in Table 6), the device automatically enters
a Wait state until deselected.
For read and write commands to memory array and Identification Page, the address is
defined by two bytes as explained in Table 7.
Table 6. Instruction set
Instruction
Description
Instruction
format
WREN
Write Enable
0000 0110
WRDI
Write Disable
0000 0100
RDSR
Read Status Register
0000 0101
WRSR
Write Status Register
0000 0001
READ
Read from Memory Array
0000 0011
WRITE
Write to Memory Array
0000 0010
RDID
Read Identification Page
1000 0011
WRID
Write Identification Page
1000 0010
RDLS
Reads the Identification Page lock status.
1000 0011
LID
Locks the Identification page in read-only mode.
1000 0010
Table 7. Significant bits within the two address bytes(1)(2)
Instructions
MSB Address byte
LSB Address byte
b15 b14 b13 b12 b11 b10
b9
b8
b7
b6
b5
b4
b3
b2
b1
b0
READ or
WRITE
x
xxxxx
A9
A8
A7
A6
A5
A4
A3
A2
A1
A0
RDID or
WRID
00
000000
000
A4
A3
A2
A1
A0
RDLS or
LID
00
000000
10000
000
1. A: Significant address bit.
2. x: bit is Don’t Care.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com