Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RK45C Datasheet(PDF) 2 Page - ALPS ELECTRIC CO.,LTD.

Part # RK45C
Description  This LED illuminated ring potentiometer is best suited for knob design of various set devices
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

RK45C Datasheet(HTML) 2 Page - ALPS ELECTRIC CO.,LTD.

  RK45C Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. RK45C Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. RK45C Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
386
386
Series
1
RK45B
(With LED)
Dimensions
Unit:mm
No.
Style
Photo
PC board mounting hole dimensions
(Viewed from mounting side)
2
3.2
1.2
ø45
22
24
3.5
14.9
2.5
2.5
22.2
9.5
19.7
3.7
A
3
2
1
K
46.4
35
2-ø2.6
10
5
23
2-1.8
5-ø1.2hole
Mounting Surface
RK45C
(With chip LED)
ø45
22
3.5
14.9
2.5±0.5
2.5
22.2
9.5
19.7
3.7±0.5
Mounting
surface
24
3.2
1.2
ø45
22
3.5
14.9
2.5
2.5
22.2
9.5
19.7
3.7
Mounting
surface
24
3.2
1.2
Ring Type Potentiometers Soldering Conditions
Soldering surface temperature
Heating time
Soldering temperature
Soldering time
RK39A, RK45B, RK45C
RK39A, RK45B, RK45C
Series
350℃ max.
3s max.
1 time
100℃ max.
2min. max.
260℃ max.
5s max.
2 time max.
Tip temperature
Soldering time
No. of solders
Preheating
Dip soldering
No. of solders
Reference for Manual Soldering
Reference for Dip Soldering
45mm Size LED Illuminated Ring Type
RK45B
RK45C
2.5
3.7
22.2
2.5
19.7
9.5
3.5
ø45
ø25
32
1.2
3.2
24
Mounting surface
2.5
3.7
22.2
2.5
19.7
9.5
3.5
ø45
ø25
32
1.2
3.2
24
Mounting surface



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com