Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RK271 Datasheet(PDF) 1 Page - ALPS ELECTRIC CO.,LTD.

Part # RK271
Description  High performance potentiometer with excellent operational feel
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

RK271 Datasheet(HTML) 1 Page - ALPS ELECTRIC CO.,LTD.

  RK271 Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. RK271 Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. RK271 Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD. RK271 Datasheet HTML 4Page - ALPS ELECTRIC CO.,LTD. RK271 Datasheet HTML 5Page - ALPS ELECTRIC CO.,LTD. RK271 Datasheet HTML 6Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
340
High performance potentiometer with
excellent operational feel
27mm Size Metal Shaft Type
RK271
Product Line
Number of
resistor elements
Mounting
direction
Single-unit
Dual-unit
Horizontal
type
Shaft
type
Slotted
Flat
Length of the shaft
L1(mm)
25
20
25
20
25
Center
detent
31
Without
Total resistance
(k Ω)
100
Resistance
taper
15A
Products No.
RK2711120026
RK271111001T
RK27112A00AK
RK27112A00CC
RK27112A0A16
RK27112A00B9
Minimumorder unit(pcs.)
Japan
Export
100
500
Drawing
No.
1
2
3
Refer to P.341 for attached parts.
Refer to P.342 for other specifications.
Refer to P.343 for ordering products not listed.
Refer to P.349 for soldering conditions.
Other varieties are also available. Refer to "Other Specifications" (P.342).
Note
■ Typical Specifications
Items
Specifications
Total resistance tolerance
±20%
Maximum operating voltage
30V AC
Total rotational angle
300°±3°
Rotational torque
8 to 35mN・m
Operating life
15,000 cycles
Operating temperature range
−10℃ to +70℃
Packing Specifications
Bulk
Number of resistor elements/
Shaft length
Number of packages(pcs.)
Export package
measurements(mm)
1 case /Japan 1 case /export packing
Single-unit / 25mm
Dual-unit / 20mm
100
500
380×540×314
Dual-unit / 25mm
360×510×359


Similar Part No. - RK271

ManufacturerPart #DatasheetDescription
logo
ALPS ALPINE CO., LTD.
RK27111 ALPSALPINE-RK27111 Datasheet
1Mb / 2P
27mm Size Metal Shaft Type / Other Specifications
RK271111-F15-21-V103 ALPSALPINE-RK271111-F15-21-V103 Datasheet
1Mb / 2P
27mm Size Metal Shaft Type / Other Specifications
RK271111-F15-21-V203 ALPSALPINE-RK271111-F15-21-V203 Datasheet
1Mb / 2P
27mm Size Metal Shaft Type / Other Specifications
RK271111-F15-21-V254 ALPSALPINE-RK271111-F15-21-V254 Datasheet
1Mb / 2P
27mm Size Metal Shaft Type / Other Specifications
RK271111-F15-21-V502 ALPSALPINE-RK271111-F15-21-V502 Datasheet
1Mb / 2P
27mm Size Metal Shaft Type / Other Specifications
More results

Similar Description - RK271

ManufacturerPart #DatasheetDescription
logo
SYNERGY MICROWAVE CORPO...
SMQ-C52 SYNERGY-SMQ-C52 Datasheet
463Kb / 4P
Excellent Performance
logo
List of Unclassifed Man...
ANT-868-PW-RA ETC2-ANT-868-PW-RA Datasheet
170Kb / 1P
Excellent performance
logo
ALPS ELECTRIC CO.,LTD.
RK12L115 ALPS-RK12L115 Datasheet
793Kb / 3P
Low-profile and good operational feel makes this excellent for car air conditioners
RK203 ALPS-RK203_15 Datasheet
1Mb / 5P
Heavy rotation torque and good operational feel, available in potentiometer and encoder types
RKJXY ALPS-RKJXY Datasheet
676Kb / 2P
Low-profile tilting stick controller with excellent operating feel
RS60K11A9010 ALPS-RS60K11A9010 Datasheet
919Kb / 7P
Minimum lever wobble and high precision characteristics combined with good operational feel
RSA0V11M ALPS-RSA0V11M Datasheet
1Mb / 8P
Provides a superior operational feel with high-speed tracking in motor drive mode
RSN1M ALPS-RSN1M Datasheet
1Mb / 8P
Provides a superior operational feel with high-speed tracking in motor drive mode
logo
TT Electronics.
CHC TTELEC-CHC Datasheet
1Mb / 4P
Excellent high frequency performance
logo
ALPS ELECTRIC CO.,LTD.
RSK ALPS-RSK Datasheet
919Kb / 7P
Minimum lever wobble and high precision characteristics combined with good operational feel
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com