Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M95640-DRE Datasheet(PDF) 37 Page - STMicroelectronics

Part # M95640-DRE
Description  64-Kbit serial SPI bus EEPROM - 105C operation
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M95640-DRE Datasheet(HTML) 37 Page - STMicroelectronics

Back Button M95640-DRE Datasheet HTML 33Page - STMicroelectronics M95640-DRE Datasheet HTML 34Page - STMicroelectronics M95640-DRE Datasheet HTML 35Page - STMicroelectronics M95640-DRE Datasheet HTML 36Page - STMicroelectronics M95640-DRE Datasheet HTML 37Page - STMicroelectronics M95640-DRE Datasheet HTML 38Page - STMicroelectronics M95640-DRE Datasheet HTML 39Page - STMicroelectronics M95640-DRE Datasheet HTML 40Page - STMicroelectronics M95640-DRE Datasheet HTML 41Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 37 / 41 page
background image
DocID027381 Rev 1
37/41
M95640-DRE
Package mechanical data
40
Figure 23. WFDFPN8 (MLP8) – 8-lead very thin fine pitch dual flat package no lead
2 x 3 mm, 0.5 mm, package outline
1. Drawing is not to scale.
2. The central pad (the area E2 by D2 in the above illustration) must be either connected to Vss or left floating
(not connected) in the end application.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com