Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP34DT01-M Datasheet(PDF) 13 Page - STMicroelectronics

Part # MP34DT01-M
Description  MEMS audio sensor omnidirectional digital microphone
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

MP34DT01-M Datasheet(HTML) 13 Page - STMicroelectronics

Back Button MP34DT01-M Datasheet HTML 9Page - STMicroelectronics MP34DT01-M Datasheet HTML 10Page - STMicroelectronics MP34DT01-M Datasheet HTML 11Page - STMicroelectronics MP34DT01-M Datasheet HTML 12Page - STMicroelectronics MP34DT01-M Datasheet HTML 13Page - STMicroelectronics MP34DT01-M Datasheet HTML 14Page - STMicroelectronics MP34DT01-M Datasheet HTML 15Page - STMicroelectronics MP34DT01-M Datasheet HTML 16Page - STMicroelectronics MP34DT01-M Datasheet HTML 17Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
DocID026514 Rev 3
13/17
MP34DT01-M
Package mechanical data
17
Figure 7. HCLGA (3 x 4 x 1.06 mm) 4-lead package outline
Note:
The MEMS microphone metal cap can exhibit some level of variation in color when the
device is subjected to thermal process.
Dimensions are in millimeter unless otherwise specified. General tolerance is
± 0.15 mm
unless otherwise specified.
Table 9. HCLGA (3 x 4 x 1.06 mm) mechanical data
Item
Dimension (mm)
Tolerance (mm)
Length [L]
4
± 0.1
Width [W]
3
± 0.1
Height [H]
1.06
± 0.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com