Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RHFL6000AKP1 Datasheet(PDF) 1 Page - STMicroelectronics

Part # RHFL6000AKP1
Description  2 A rad-hard adjustable positive voltage regulator
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RHFL6000AKP1 Datasheet(HTML) 1 Page - STMicroelectronics

  RHFL6000AKP1 Datasheet HTML 1Page - STMicroelectronics RHFL6000AKP1 Datasheet HTML 2Page - STMicroelectronics RHFL6000AKP1 Datasheet HTML 3Page - STMicroelectronics RHFL6000AKP1 Datasheet HTML 4Page - STMicroelectronics RHFL6000AKP1 Datasheet HTML 5Page - STMicroelectronics RHFL6000AKP1 Datasheet HTML 6Page - STMicroelectronics RHFL6000AKP1 Datasheet HTML 7Page - STMicroelectronics RHFL6000AKP1 Datasheet HTML 8Page - STMicroelectronics RHFL6000AKP1 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
October 2015
DocID028379 Rev 2
1/31
This is preliminary information on a new product now in development
or undergoing evaluation. Details are subject to change without notice.
www.st.com
RHFL6000A
2 A rad-hard adjustable positive voltage regulator
Datasheet - preliminary data
Features
Input voltage range from 2.5 V to 12 V
2 A guaranteed output current
Low dropout voltage: 0.3 V typ. @ 0.4 A
Embedded overtemperature and overcurrent
protection
Adjustable overcurrent limitation
Output overload monitoring/signalling
Adjustable output voltage
Internal control loop accessible via an
external pin, optional
Inhibit (ON/OFF) TTL compatible control
Programmable output short-circuit current
Remote sensing operation
Rad-hard: guaranteed up to 300 krad MIL-
STD-883J Method 1019.9 high dose rate
and 0.01 rad/s in ELDRS conditions
Radiation environment (SET/SEL/SEB):
- SEL free @ LET=120 MeV*cm2/mg
- SET: less than 3.3% of VOUT @ 120 MeV
Heavy Ions SET dedicated internal circuitry
implemented for absorbing output transient
Operating junction temperature range: -55
°C to 125 °C
Description
The RHFL6000A high-performance adjustable
positive voltage regulator provides exceptional
radiation performance. It is tested in accordance
with MIL-STD-883J Method 1019.9, in ELDRS
conditions. The device is available in the FLAT-
16P, a hermetic ceramic package, and the QML-
V die is specifically designed for space and harsh
radiation environments. A dedicated internal
circuitry is implemented for absorbing output
transients during SET events. The operating
input voltage goes from 2.5 V to 12 V.
Table 1: Device summary
Device
Quality level
EPPL
Package
Lead finish
Mass (g)
RHFL6000AKP1
Engineering model
-
FLAT-16P
Gold
0.70
RHFL6000AKP01V (1)
QML-V Flight
Target
RHFL6000AKP02V (1)
QML-V Flight
Target
Tin
Notes:
(1)Qualification ongoing.
Contact ST sales office for information about the specific conditions for products in die form and other quality
levels.


Similar Part No. - RHFL6000AKP1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
RHFL6000L STMICROELECTRONICS-RHFL6000L Datasheet
1Mb / 28P
2 A Rad-hard adjustable positive linear voltage regulator
04-Nov-2022
RHFL6000LAKP01V STMICROELECTRONICS-RHFL6000LAKP01V Datasheet
1Mb / 28P
2 A Rad-hard adjustable positive linear voltage regulator
04-Nov-2022
RHFL6000LAKP02V STMICROELECTRONICS-RHFL6000LAKP02V Datasheet
1Mb / 28P
2 A Rad-hard adjustable positive linear voltage regulator
04-Nov-2022
RHFL6000LAKP1 STMICROELECTRONICS-RHFL6000LAKP1 Datasheet
1Mb / 28P
2 A Rad-hard adjustable positive linear voltage regulator
04-Nov-2022
More results

Similar Description - RHFL6000AKP1

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
ACT8600 AEROFLEX-ACT8600 Datasheet
73Kb / 5P
ACT8600 - Rad Hard Dual Adjustable Positive & Negative Voltage Regulator
logo
STMicroelectronics
RHFL4913 STMICROELECTRONICS-RHFL4913_07 Datasheet
418Kb / 16P
Rad-Hard Adjustable positive voltage regulator
26-Jan-2007
RHFL4913_0711 STMICROELECTRONICS-RHFL4913_0711 Datasheet
433Kb / 19P
Rad-hard adjustable positive voltage regulator
23-Nov-2007
RHFL4913XX15 STMICROELECTRONICS-RHFL4913XX15 Datasheet
266Kb / 19P
Rad-hard positive fixed voltage regulator
26-Aug-2008
RHFL7913A STMICROELECTRONICS-RHFL7913A Datasheet
360Kb / 19P
Rad-hard adjustable negative voltage regulator
26-Aug-2008
RHFL4913A STMICROELECTRONICS-RHFL4913A Datasheet
426Kb / 20P
Rad-hard adjustable positive voltage regulator
21-Jan-2010
RHFL4913A STMICROELECTRONICS-RHFL4913A_12 Datasheet
302Kb / 20P
Rad-hard adjustable positive voltage regulator
20-Aug-2012
RHFL7913A STMICROELECTRONICS-RHFL7913A_11 Datasheet
364Kb / 19P
Rad-hard adjustable negative voltage regulator
07-Dec-2011
LEO3910 STMICROELECTRONICS-LEO3910 Datasheet
2Mb / 21P
Rad-hard plastic 2 A positive low drop voltage regulator
22-Feb-2022
RHFL6000L STMICROELECTRONICS-RHFL6000L Datasheet
1Mb / 28P
2 A Rad-hard adjustable positive linear voltage regulator
04-Nov-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com