Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RHFLVDS315 Datasheet(PDF) 7 Page - STMicroelectronics

Part # RHFLVDS315
Description  Rad-hard quad LVDS driver
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RHFLVDS315 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button RHFLVDS315 Datasheet HTML 3Page - STMicroelectronics RHFLVDS315 Datasheet HTML 4Page - STMicroelectronics RHFLVDS315 Datasheet HTML 5Page - STMicroelectronics RHFLVDS315 Datasheet HTML 6Page - STMicroelectronics RHFLVDS315 Datasheet HTML 7Page - STMicroelectronics RHFLVDS315 Datasheet HTML 8Page - STMicroelectronics RHFLVDS315 Datasheet HTML 9Page - STMicroelectronics RHFLVDS315 Datasheet HTML 10Page - STMicroelectronics RHFLVDS315 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
DocID028541 Rev 1
7/15
RHFLVDS315
Electrical characteristics
15
5
Electrical characteristics
In Table 7 below, VCC = 3 V to 3.6 V, capa-load (CL) = 10 pF, typical values are at 
Tamb = +25 °C, min. and max values are at Tamb = - 55 °C and + 125 °C unless otherwise
specified
Table 7. Electrical characteristics
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
ICCL
Total enabled supply current,
drivers enabled, not switching
VIN = 0 V or VCC
Load = 100 Ω on all channels
16.5
35
mA
ICCZ
Total disabled supply current,
loaded or not loaded,
drivers disabled
VIN = 0 V or VCC
G = GND, G = VCC
2.8
4
IOFF (1)
TTL input power-off leakage
current
VCC = 0 V, VIN = 3.6 V
-10
10
µA
LVDS output power-off leakage
current
VCC = 0 V, VOUT = 3.6 V
-50
+50
VOH
Output voltage high
RL = 100 Ω
1.65
V
VOL
Output voltage low
0.925
VOD1
Differential output voltage
250
400
mV
DVOD1
Change of magnitude of VOD1
for complementary output
states
10
VOS
Offset voltage
1.125
1.45
V
DVOS
Change of magnitude of VOS for
complementary output states
15
mV
IOS
Output short-circuit current
VIN = 0 V and VO(Z) = 0 V or 
VIN = VCC and VO(Y) = 0 V
-9
mA
IO
High impedance output current Disabled, VOUT = 3.6 V or GND
-10
10
µA
VIH
Input voltage high
G, G, and TTL inputs
2VCC
V
VIL
Input voltage low
GND
0.8
IIH
High level input current
G, G, and TTL inputs
VCC = 3.6 V, VIN = VCC
-10
10
µA
IIL
Low level input current
G, G and TTL inputs
VCC = 3.6 V, VIN = 0
-10
10
CIN
Input capacitance
3
pF
tPHLD
Propagation delay time, high to
low output
Refer to Figure 4
0.3
3.5
ns
tPLHD
Propagation delay time, low to
high output
0.3
3.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com