Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SD4933MR Datasheet(PDF) 9 Page - STMicroelectronics

Part # SD4933MR
Description  50 V moisture resistant DMOS transistor for ISM applications
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SD4933MR Datasheet(HTML) 9 Page - STMicroelectronics

Back Button SD4933MR Datasheet HTML 5Page - STMicroelectronics SD4933MR Datasheet HTML 6Page - STMicroelectronics SD4933MR Datasheet HTML 7Page - STMicroelectronics SD4933MR Datasheet HTML 8Page - STMicroelectronics SD4933MR Datasheet HTML 9Page - STMicroelectronics SD4933MR Datasheet HTML 10Page - STMicroelectronics SD4933MR Datasheet HTML 11Page - STMicroelectronics SD4933MR Datasheet HTML 12Page - STMicroelectronics SD4933MR Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
DocID023664 Rev 2
9/20
SD4933MR
Typical performance (30 MHz)
20
5
Typical performance (30 MHz)
Figure 8. Gain and efficiency vs. output power
at Vdd = 50 V, Idq = 250 mA, freq = 30 MHz
Figure 9. Output power vs. input power
Figure 10. Output power vs. supply voltage
Figure 11. Output power vs. gate voltage
10
20
30
40
50
60
70
80
14
16
18
20
22
24
26
28
0
50
100
150
200
250
300
350
400
450
Output Power (W)
Pgain
Efficiency
AM09248V2
0
50
100
150
200
250
300
350
400
450
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
Pin (W)
50 V
40 V
AM09246V1
100
150
200
250
300
350
400
25
30
35
40
45
50
Vdd (V)
Pin = 2.8W
Pin = 1.4W
AM09247V1
0
100
200
300
400
500
-3
-2
-1
0
1
2
3
4
Vgs (V)
Pin = 2.8W
AM09248V1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com