Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPC574K70E5 Datasheet(PDF) 18 Page - STMicroelectronics

Part # SPC574K70E5
Description  32-bit Power Architecture based MCU for automotive applications
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC574K70E5 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button SPC574K70E5 Datasheet HTML 14Page - STMicroelectronics SPC574K70E5 Datasheet HTML 15Page - STMicroelectronics SPC574K70E5 Datasheet HTML 16Page - STMicroelectronics SPC574K70E5 Datasheet HTML 17Page - STMicroelectronics SPC574K70E5 Datasheet HTML 18Page - STMicroelectronics SPC574K70E5 Datasheet HTML 19Page - STMicroelectronics SPC574K70E5 Datasheet HTML 20Page - STMicroelectronics SPC574K70E5 Datasheet HTML 21Page - STMicroelectronics SPC574K70E5 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 127 page
background image
Package pinouts and signal descriptions
SPC574Kxx
18/127
DocID023601 Rev 5
Note:
The FusionQuad® package is for development purposes only and is not available as a
production device. The FusionQuad package is not intended to be qualified and is available
only in small quantities.
2.2
Pin descriptions
The following sections provide signal descriptions and related information about device
functionality and configuration.
2.2.1
Power supply and reference voltage pins
The Supply Pins Table contains information on power supply and reference pins. See the
Signal Table (Excel file) attached to this document. Locate the paperclip symbol on the left
side of the PDF window, and click it. Double-click on the excel file to open it and select the
Supply Pins Table tab.
Note:
All ground supplies must be toed to ground. They must not float.
2.2.2
System pins
Table 3 contains information on system pin functions for the devices.
Table 3. System pins
Symbol
Description
Direction
QFP pin
144
FQ172
176
FQ216
PORST
Power on reset with Schmitt trigger characteristics and
noise filter. PORST is active low
Bidirectional
97
121
ESR0
External functional reset with Schmitt trigger
characteristics and noise filter. ESR0 is active low
Bidirectional
98
122
TESTMODE Pin for testing purpose only.
An internal pull-down is implemented on the
TESTMODE pin to prevent the device from entering
TESTMODE. It is recommended to connect the
TESTMODE pin to VSS_HV_IO on the board. The value
of the TESTMODE pin is latched at the negation of
reset and has no affect afterward. The device will not
exit reset with the TESTMODE pin asserted during
power-up.
Input only
94
118
XTAL
Analog output of the oscillator amplifier circuit
needs to be grounded if oscillator is used in bypass
mode.
Output
82
103
EXTAL
Analog input of the oscillator amplifier circuit when
oscillator is not in bypass mode
Analog input for the clock generator when oscillator is
in bypass mode
Input
81
102



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com