Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SRTAG2KL Datasheet(PDF) 20 Page - STMicroelectronics

Part # SRTAG2KL
Description  NFC Forum Type 4 Tag IC with 2-Kbit EEPROM
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SRTAG2KL Datasheet(HTML) 20 Page - STMicroelectronics

Back Button SRTAG2KL Datasheet HTML 16Page - STMicroelectronics SRTAG2KL Datasheet HTML 17Page - STMicroelectronics SRTAG2KL Datasheet HTML 18Page - STMicroelectronics SRTAG2KL Datasheet HTML 19Page - STMicroelectronics SRTAG2KL Datasheet HTML 20Page - STMicroelectronics SRTAG2KL Datasheet HTML 21Page - STMicroelectronics SRTAG2KL Datasheet HTML 22Page - STMicroelectronics SRTAG2KL Datasheet HTML 23Page - STMicroelectronics SRTAG2KL Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 51 page
background image
RF command sets
SRTAG2KL
20/51
DocID026583 Rev 2
5.1
Structure of the command sets
The exchange of data between the RF host and the SRTAG2KL uses three kinds of data
formats, called blocks:
•
I-Block (Information block): to exchange the command and the response
•
R-Block (Receive ready block): to exchange positive or negative acknowledgement
•
S-Block (Supervisory block): to use either the Deselect command or the Frame Waiting
eXtension (WTX) command or response
This section describes the structure of I-Block, R-block and S-Block. This format is used for
the application command set.
5.2
I-Block format
The I-Block is used to exchange data between the RF host and the SRTAG2KL. It is
composed of three fields. Table 11 details the I-Block format.
Table 11. I-Block format
Name
SoD
Payload
EoD
PCB
DID
-
CRC
Length
1 byte
1 byte
1 to 251 bytes
2 bytes
PCB field
DID field (optional)
RF host to SRTAG2KL: C-APDU
SRTAG2KL to RF host: R-APDU
2 CRC bytes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com