Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SDDH Datasheet(PDF) 1 Page - ALPS ELECTRIC CO.,LTD.

Part # SDDH
Description  IP68 water resistant, enabling submerged operation
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

SDDH Datasheet(HTML) 1 Page - ALPS ELECTRIC CO.,LTD.

  SDDH Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. SDDH Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. SDDH Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
161
161
IP68 water resistant, enabling submerged operation
Water-proof Switch Compatible with 10mA to 4.5A
SDDH
Type
Push
Circuit
arrangement
SPST
(Normal Close)
Travel(mm)
3.7
Mounting
method
Snap-in
Terminal
configuration
Tab Terminal
(#187)
Minimum order unit(pcs.)
Japan
Export
180
360
Product No.
SDDHA10100
Product Line
■ Ratings and Safety Standards
Items
Specifications
Rating(max.)
4.5A 12V DC(lamp load: 27W×2)
Rating(min.)
10mA 12V DC(Resistive load)
Contact resistance
500mΩ max.
Operating force
4.6N max.
Operating life
100,000 cycles
Circuit Diagram
Dimensions
Unit:mm
Style
①
②
Off position
On position
(When push the knob)
(When return the knob)
Free position
4 6
5.5
19
4
7
7.4
4.5
3.4
Terminal no.①
Terminal no.②
SR2
( 9)
3.4
2.9
3.15
6.1
4°
Packing Specifications
Tray
Number of packages(pcs.)
Export package measurements(mm)
1 case /Japan
1 case /export packing
180
360
400×270×185
Off position
On position
(When push the knob)
(When return the knob)
Free position
4 6
5.5
19
4
7
7.4
4.5
3.4
Terminal no.①
Terminal no.②
SR2
( 9)
3.4
2.9
3.15
6.1
4°
Off position
On position
(When push the knob)
(When return the knob)
Free position
4 6
5.5
19
4
7
7.4
4.5
3.4
Terminal no.①
Terminal no.②
SR2
( 9)
3.4
2.9
3.15
6.1
4°


Similar Part No. - SDDH

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SDDH15PNBTD ETC2-SDDH15PNBTD Datasheet
811Kb / 6P
Plug viewed from above, socket viewed from below.
SDDH25PNBTD ETC2-SDDH25PNBTD Datasheet
811Kb / 6P
Plug viewed from above, socket viewed from below.
More results

Similar Description - SDDH

ManufacturerPart #DatasheetDescription
logo
American Zettler, Inc.
ZCS1-120 AZETTLER-ZCS1-120 Datasheet
141Kb / 2P
WATER RESISTANT SOLENOID
logo
Extech Instruments Corp...
365510 EXTECH-365510 Datasheet
165Kb / 1P
Water Resistant Stopwatch/Clock
logo
CONEC Elektronische Bau...
15-000050 CONEC-15-000050 Datasheet
98Kb / 1P
WATER RESISTANT SCREEN CAP
15-000150 CONEC-15-000150 Datasheet
92Kb / 1P
WATER RESISTANT SCREEN CAP
logo
Extech Instruments Corp...
365510 EXTECH-365510_15 Datasheet
151Kb / 1P
Water Resistant Stopwatch/Clock
logo
Soberton Inc.
WSP-417108 SOBERTON-WSP-417108_18 Datasheet
539Kb / 1P
WSP WATER RESISTANT SPEAKER
WSP-307008 SOBERTON-WSP-307008_18 Datasheet
548Kb / 1P
WSP WATER RESISTANT SPEAKER
WSP-7608 SOBERTON-WSP-7608_18 Datasheet
499Kb / 1P
WSP WATER RESISTANT SPEAKER
WSP-5008-57 SOBERTON-WSP-5008-57_18 Datasheet
462Kb / 1P
WSP WATER RESISTANT SPEAKER
WSP-4508-7 SOBERTON-WSP-4508-7_18 Datasheet
447Kb / 1P
WSP WATER RESISTANT SPEAKER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com