Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST25TA16K Datasheet(PDF) 17 Page - STMicroelectronics

Part # ST25TA16K
Description  NFC Forum Type 4 Tag IC with 16-Kbit EEPROM
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25TA16K Datasheet(HTML) 17 Page - STMicroelectronics

Back Button ST25TA16K Datasheet HTML 13Page - STMicroelectronics ST25TA16K Datasheet HTML 14Page - STMicroelectronics ST25TA16K Datasheet HTML 15Page - STMicroelectronics ST25TA16K Datasheet HTML 16Page - STMicroelectronics ST25TA16K Datasheet HTML 17Page - STMicroelectronics ST25TA16K Datasheet HTML 18Page - STMicroelectronics ST25TA16K Datasheet HTML 19Page - STMicroelectronics ST25TA16K Datasheet HTML 20Page - STMicroelectronics ST25TA16K Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 45 page
background image
DocID027786 Rev 1
17/45
ST25TA16K
RF command sets
42
5
RF command sets
This section describes the ST25TA16K command sets that can be issued by the RF host.
There are three command families:
•
the NFC Forum Type 4 Tag command set
•
the ISO/IEC 7816-4 command set
•
the proprietary command set
The NFC Forum Type 4 Tag command set and the ISO/IEC 7816-4 command set use the I-
Block format. For more details about the I-Block format, refer to Section 5.2: I-Block format.
Two other command formats exist:
•
the commands using the R-Block format
•
the commands using the S-Block format
For more details about these formats, refer to the corresponding sections: Section 5.3: R-
Block format and Section 5.4: S-Block format.
This section gives a brief description of the RF host commands. The format of these
command sets is the I-Block format.
Table 9 lists the RF command sets.
Table 9. RF command sets
Family
command set
Command name
Class
byte
Instruction
code
Brief description
NFC Forum
Type 4 Tag
NDEF Tag Application Select
0x00
0xA4
NDEF Tag Application
Select
CC select
0x00
0xA4
Select the CC file
NDEF select
0x00
0xA4
Select the NDEF file
System select
0x00
0xA4
Select the system file
ReadBinary
0x00
0xB0
Read data from file
UpdateBinary
0x00
0xD6
Write or erase data to a
NDEF file
ISO/IEC 7816-4
Verify
0x00
0x20
Checks the right access
of a NDEF file or sends a
password
ChangeReferenceData
0x00
0x24
Change a Read or write
password
EnableVerificationRequirement
0x00
0x28
Activate the password
security
DisableVerificationRequirement
0x00
0x26
Disable the password
security
ST Proprietary EnablePermanentState
0xA2
0x28
Enables the Read Only or
Write Only security state
ST Proprietary ExtendedReadBinary
0xA2
0xB0
Read data from file



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com