Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STAC9200 Datasheet(PDF) 5 Page - STMicroelectronics

Part # STAC9200
Description  200 W, 32 V HF to 1.3 GHz LDMOS transistor in a STAC package
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STAC9200 Datasheet(HTML) 5 Page - STMicroelectronics

  STAC9200 Datasheet HTML 1Page - STMicroelectronics STAC9200 Datasheet HTML 2Page - STMicroelectronics STAC9200 Datasheet HTML 3Page - STMicroelectronics STAC9200 Datasheet HTML 4Page - STMicroelectronics STAC9200 Datasheet HTML 5Page - STMicroelectronics STAC9200 Datasheet HTML 6Page - STMicroelectronics STAC9200 Datasheet HTML 7Page - STMicroelectronics STAC9200 Datasheet HTML 8Page - STMicroelectronics STAC9200 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
DocID025416 Rev 2
5/14
STAC9200
Impedance
14
3
Impedance
Figure 2. Current conventions
Note:
Measured gate-to-gate and drain-to-drain, respectively.
Table 5. Impedance data
Freq. (MHz)
ZIN (Ω)ZDL(Ω)
200
TBD
7.63 + j 2.92
280
TBD
7.02 + j 3.82
360
TBD
6.34 + j 4.52
440
TBD
5.66 + j 5.05
520
TBD
5.01 + j 5.43
600
TBD
4.42 + j 5.70
700
TBD
TBD
800
TBD
TBD
860
2.04 + j 5.33
2.33 + j 3.02
900
TBD
TBD
1000
TBD
TBD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com