Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STBB3JCC Datasheet(PDF) 18 Page - STMicroelectronics

Part # STBB3JCC
Description  2 A, high efficiency single inductor buck-boost DC-DC converter and high brightness WLED driver
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STBB3JCC Datasheet(HTML) 18 Page - STMicroelectronics

Back Button STBB3JCC Datasheet HTML 14Page - STMicroelectronics STBB3JCC Datasheet HTML 15Page - STMicroelectronics STBB3JCC Datasheet HTML 16Page - STMicroelectronics STBB3JCC Datasheet HTML 17Page - STMicroelectronics STBB3JCC Datasheet HTML 18Page - STMicroelectronics STBB3JCC Datasheet HTML 19Page - STMicroelectronics STBB3JCC Datasheet HTML 20Page - STMicroelectronics STBB3JCC Datasheet HTML 21Page - STMicroelectronics STBB3JCC Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 27 page
background image
Application information
STBB3JCC
18/27
DocID025425 Rev 5
Equation 2
Figure 31. Application schematic HB WLED driver
Table 8. List of external components(1)
1.
Above listed components refer to typical application. Operation of the STBB3JCC is not limited to the
choice of these external components.
Component
Manufacturer
Part number
Value
C1, C2
Murata
GRM188R60J106ME84
10
μF
C6
Murata
GRM31CB31E226KE15
22
μF
C5
TDK
C1608X7R1H225K
2.2
μF
L1
TDK
VLF403215MT-1R5N
1.5
μH
Coilcraft
XFL4020-152MEB
R1(2)
2.
R1 and D1 are used as VOUT overvoltage protection in case of open-LED failure (these components are
optional and they are not mounted on the evaluation board).
Standard resistor
4.7 K
R3
Standard resistor
from 47 to 100
Ω
D1(2)
Zener diode
4.7 V 1/4 W
R2(3)
3.
R2 is calculated according to the following formula:
Standard resistor
0.1
Ω 1/4 W
LED
White LED
3.7 VF ILED=1 A
R
sense
R2
V
FB
I
LED
-----------
100mv
1A
------------------
0.1
Ω
==
=
=
P
Diss_RSENSE
R2 I
LED
0.1 1
2
0.1W
=
=
=
R2
V
FB
I
LED
-----------
100mV
I
LED
-------------------
==



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com