Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STBP112-DUDJ6F Datasheet(PDF) 27 Page - STMicroelectronics

Part # STBP112-DUDJ6F
Description  Overvoltage protection device
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STBP112-DUDJ6F Datasheet(HTML) 27 Page - STMicroelectronics

Back Button STBP112-DUDJ6F Datasheet HTML 23Page - STMicroelectronics STBP112-DUDJ6F Datasheet HTML 24Page - STMicroelectronics STBP112-DUDJ6F Datasheet HTML 25Page - STMicroelectronics STBP112-DUDJ6F Datasheet HTML 26Page - STMicroelectronics STBP112-DUDJ6F Datasheet HTML 27Page - STMicroelectronics STBP112-DUDJ6F Datasheet HTML 28Page - STMicroelectronics STBP112-DUDJ6F Datasheet HTML 29Page - STMicroelectronics STBP112-DUDJ6F Datasheet HTML 30Page - STMicroelectronics STBP112-DUDJ6F Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 38 page
background image
STBP112
DC and AC parameters
Doc ID 023357 Rev 3
27/38
VIH(EN)
EN high level input voltage
1.2
V
RPD(EN)
EN internal pull-down
resistor(3)
VIN > 2.5 V, V(EN) = 5 V
100
250
400
k
Ω
Timing parameters
ton
Startup delay(4)
Time measured from VIN > VUVLO to
VOUT = 0.3 V (no load on the output).
8ms
toff
(5)
Output turn-off time
Time measured from VIN > VOVLO to
VOUT ≤ 0.3 V. VIN increasing from
5.0 V to 8.0 V at 3.0 V/µs, RLOAD = 5 Ω,
CLOAD = 0.
1
µs
tdis
(5)
Disable time
Time measured from V(EN) ≥ 1.2 V to
VOUT < 0.3 V, RLOAD = 5 Ω, CLOAD = 0.
15
trec
Recovery delay from UVLO,
OVLO, or thermal shutdown(4)
Time measured to VOUT = 0.3 V
(no load on the output)
8ms
Thermal shutdown
Toff
Thermal shutdown threshold
temperature
140
150
°C
THYS(off)
Thermal shutdown hysteresis
20
°C
1.
Test conditions described in Table 4 (except where noted).
2.
Hysteresis of 60 mV typ. available upon request.
3.
Version without pull-down resistor or with permanently connected pull-down resistor available upon request.
4.
Delays of 16, 32, and 64 ms available upon request.
5.
Guaranteed by design. Not tested in production.
Table 5.
DC and AC characteristics (continued)
Symbol
Description
Test condition(1)
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com