Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STF22NM60ND Datasheet(PDF) 5 Page - STMicroelectronics

Part # STF22NM60ND
Description  Automotive-grade N-channel 600 V, 0.17 Ω typ., 17 A FDmesh™ II Power MOSFET in a TO-220FP package
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STF22NM60ND Datasheet(HTML) 5 Page - STMicroelectronics

  STF22NM60ND Datasheet HTML 1Page - STMicroelectronics STF22NM60ND Datasheet HTML 2Page - STMicroelectronics STF22NM60ND Datasheet HTML 3Page - STMicroelectronics STF22NM60ND Datasheet HTML 4Page - STMicroelectronics STF22NM60ND Datasheet HTML 5Page - STMicroelectronics STF22NM60ND Datasheet HTML 6Page - STMicroelectronics STF22NM60ND Datasheet HTML 7Page - STMicroelectronics STF22NM60ND Datasheet HTML 8Page - STMicroelectronics STF22NM60ND Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
DocID026895 Rev 2
5/13
STF22NM60ND
Electrical characteristics
Table 7. Source drain diode
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
ISD
Source-drain current
17
A
ISDM
(1)
1.
Pulse width limited by safe operating area
Source-drain current (pulsed)
68
A
VSD
(2)
2.
Pulsed: Pulse duration = 300 µs, duty cycle 1.5%.
Forward on voltage
ISD = 17 A, VGS = 0
1.6
V
trr
Reverse recovery time
ISD = 17 A, VDD = 60 V
di/dt=100 A/µs
(see Figure 16)
150
ns
Qrr
Reverse recovery charge
0.90
µC
IRRM
Reverse recovery current
13
A
trr
Reverse recovery time
ISD = 17 A,VDD = 60 V
di/dt=100 A/µs,
TJ = 150 °C
(see Figure 16)
240
ns
Qrr
Reverse recovery charge
2
µC
IRRM
Reverse recovery current
16
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com