Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STBP112-FUDJ6F Datasheet(PDF) 31 Page - STMicroelectronics

Part # STBP112-FUDJ6F
Description  Overvoltage protection device
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STBP112-FUDJ6F Datasheet(HTML) 31 Page - STMicroelectronics

Back Button STBP112-FUDJ6F Datasheet HTML 27Page - STMicroelectronics STBP112-FUDJ6F Datasheet HTML 28Page - STMicroelectronics STBP112-FUDJ6F Datasheet HTML 29Page - STMicroelectronics STBP112-FUDJ6F Datasheet HTML 30Page - STMicroelectronics STBP112-FUDJ6F Datasheet HTML 31Page - STMicroelectronics STBP112-FUDJ6F Datasheet HTML 32Page - STMicroelectronics STBP112-FUDJ6F Datasheet HTML 33Page - STMicroelectronics STBP112-FUDJ6F Datasheet HTML 34Page - STMicroelectronics STBP112-FUDJ6F Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 38 page
background image
STBP112
Package information
Doc ID 023357 Rev 3
31/38
Table 6.
Package mechanical dimensions for TDFN 8-lead (2 x 2 x 0.75 mm)(1)
1.
Controlling dimension: millimeters.
Symbol
Dimensions
mm
inches
Typ.
Min.
Max.
Typ.
Min.
Max.
A
0.75
0.70
0.80
0.030
0.028
0.031
A1
0.02
0.00
0.05
0.001
0.000
0.002
A3
REF
0.20
—
—
0.008
—
—
b
0.25
0.20
0.30
0.010
0.008
0.012
D
BSC
2.00
—
—
0.079
—
—
D2
1.60
1.45
1.70
0.063
0.057
1.067
E
BSC
2.00
—
—
0.079
—
—
E2
0.90
0.75
1.00
0.035
0.030
0.039
e
0.50
—
—
0.020
—
—
L
0.30
0.25
0.35
0.012
0.010
0.014
ddd(2)
2.
Lead coplanarity should not exceed 0.08 mm.
—
—
0.08
—
—
0.003
N(3)
3.
N is the total number of terminals.
88



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com