Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STGIF7CH60TS-L Datasheet(PDF) 9 Page - STMicroelectronics

Part # STGIF7CH60TS-L
Description  SLLIMM™- 2nd series IPM, 3-phase inverter, 10 A, 600 V short-circuit rugged IGBTs
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGIF7CH60TS-L Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STGIF7CH60TS-L Datasheet HTML 5Page - STMicroelectronics STGIF7CH60TS-L Datasheet HTML 6Page - STMicroelectronics STGIF7CH60TS-L Datasheet HTML 7Page - STMicroelectronics STGIF7CH60TS-L Datasheet HTML 8Page - STMicroelectronics STGIF7CH60TS-L Datasheet HTML 9Page - STMicroelectronics STGIF7CH60TS-L Datasheet HTML 10Page - STMicroelectronics STGIF7CH60TS-L Datasheet HTML 11Page - STMicroelectronics STGIF7CH60TS-L Datasheet HTML 12Page - STMicroelectronics STGIF7CH60TS-L Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
DocID026580 Rev 6
9/25
STGIF7CH60TS-L
Electrical characteristics
25
Table 8. Control / protection parts
Symbol
Parameter
Test condition
Min
Typ
Max
Unit
Vil
Low logic level voltage
0.8
V
Vih
High logic level voltage
2
V
IINh
IN logic “1” input bias
current
INx=15V
80
150
200
µA
IINl
IN logic “0” input bias
current
INx=0V
1
µA
High side
VCC_hys
VCC UV hysteresis
1.2
1.4
1.7
V
VCCH_th(on) VCCH UV turn-on threshold
11
11.5
12
V
VCCH_th(off) VCCH UV turn-off threshold
9.6
10.1
10.6
V
VBS_hys
VBS UV hysteresis
0.5
1
1.6
V
VBS_th(on)
VBS UV turn-on threshold
10.1
11
11.9
V
VBS_th(off)
VBS UV turn-off threshold
9.1
10
10.9
V
IQBSU
Under voltage VBS
quiescent current
VBS = 9 V, HINx
(1) = 5V;
55
75
µA
IQBS
VBS quiescent current
VCC = 15 V,
HINx (1) = 5V
125
170
µA
Iqccu
Under voltage quiescent
supply current
VCC = 9 V, HINx
(1) = 0
190
250
µA
Iqcc
Quiescent current
VCC = 15 V, HINx
(1) = 0
560
730
µA
RDS(on)
BS driver ON resistance
150
Ω
Low side
VCC_hys
VCC UV hysteresis
1.1
1.4
1.6
V
VCCL_th(on) VCCL UV turn-on threshold
10.4
11.6
12.4
V
VCCL_th(off) VCCL UV turn-off threshold
9.0
10.3
11
V
Iqccu
Under voltage quiescent
supply current
VCC = 10 V, SD pulled to
5V through RSD = 10kΩ,
CIN = LINx 1) = 0;
600
800
µA
Iqcc
Quiescent current
VCC = 15 V, SD = 5V,
CIN = LINx 1) = 0;
700
900
µA
VSSD
Smart SD unlatch threshold
0.5
0.6
0.75
V
ISDh
SD logic “1” input bias
current
SD = 5V
25
50
70
µA
ISDl
SD logic “0” input bias
current
SD =0V
1
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com