Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C505 Datasheet(PDF) 62 Page - Infineon Technologies AG

Part # C505
Description  8-Bit Single-Chip Microcontroller
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C505 Datasheet(HTML) 62 Page - Infineon Technologies AG

Back Button C505 Datasheet HTML 58Page - Infineon Technologies AG C505 Datasheet HTML 59Page - Infineon Technologies AG C505 Datasheet HTML 60Page - Infineon Technologies AG C505 Datasheet HTML 61Page - Infineon Technologies AG C505 Datasheet HTML 62Page - Infineon Technologies AG C505 Datasheet HTML 63Page - Infineon Technologies AG C505 Datasheet HTML 64Page - Infineon Technologies AG C505 Datasheet HTML 65Page - Infineon Technologies AG C505 Datasheet HTML 66Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 88 page
background image
C505/C505C/C505A/C505CA
Data Sheet
58
12.00
DC Characteristics
(Operating Conditions apply)
Notes see Page 60
Parameter
Symbol
Limit Values
Unit
Test Condition
min.
max.
Input low voltages
all except EA, RESET
EA pin
RESET pin
V
IL
V
IL1
V
IL2
– 0.5
– 0.5
– 0.5
0.2
V
DD - 0.1
0.2
V
DD - 0.3
0.2
V
DD + 0.1
V
V
V
–
–
–
Input high voltages
all except XTAL1, RESET
XTAL1 pin
RESET pin
V
IH
V
IH1
V
IH2
0.2
V
DD +0.9
0.7
V
DD
0.6
V
DD
V
DD + 0.5
V
DD + 0.5
V
DD + 0.5
V
V
V
–
–
–
Output low voltages
Ports 1, 2, 3, 4
Port 0, ALE, PSEN
V
OL
V
OL1
–
–
0.45
0.45
V
V
I
OL = 1.6 mA
1)
I
OL = 3.2 mA
1)
Output high voltages
Ports 1, 2, 3, 4
Port 0 in external bus mode,
ALE, PSEN
V
OH
V
OH2
2.4
0.9
V
DD
2.4
0.9
V
DD
–
–
–
–
V
V
V
V
I
OH = – 80 µA
I
OH = – 10 µA
I
OH = – 800 µA
I
OH = – 80 µA
2)
Logic 0 input current
Ports 1, 2, 3, 4
I
IL
– 10
– 70
µA
V
IN =0.45 V
Logical 1-to-0 transition current
Ports 1, 2, 3, 4
I
TL
– 65
– 650
µA
V
IN =2 V
Input leakage current
Port 0, AN0-7 (Port 1), EA
I
LI
–
± 1
µA0.45 < V
IN < VDD
Input high current to RESET
I
IH
5100
µA
14)
0.6 V
DD <VIN<VDD
Pin capacitance
C
IO
–
10
pF
f
c =1 MHz,
T
A =25 °C
Overload current
I
OV
–
± 5mA
3) 4)
Programming voltage
V
PP
10.9
12.1
V
11.5 V ± 5% 5)
Supply current at EA/VPP
30
mA
6)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com