Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C505C Datasheet(PDF) 13 Page - Infineon Technologies AG

Part # C505C
Description  8-Bit Single-Chip Microcontroller
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C505C Datasheet(HTML) 13 Page - Infineon Technologies AG

Back Button C505C Datasheet HTML 9Page - Infineon Technologies AG C505C Datasheet HTML 10Page - Infineon Technologies AG C505C Datasheet HTML 11Page - Infineon Technologies AG C505C Datasheet HTML 12Page - Infineon Technologies AG C505C Datasheet HTML 13Page - Infineon Technologies AG C505C Datasheet HTML 14Page - Infineon Technologies AG C505C Datasheet HTML 15Page - Infineon Technologies AG C505C Datasheet HTML 16Page - Infineon Technologies AG C505C Datasheet HTML 17Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 88 page
background image
C505/C505C/C505A/C505CA
Data Sheet
9
12.00
P2.0-P2.7
18-25
I/O
Port 2
is a an 8-bit quasi-bidirectional I/O port with internal pullup
resistors. Port 2 pins that have 1’s written to them are pulled
high by the internal pullup resistors, and in that state can be
used as inputs. As inputs, port 2 pins being externally pulled
low will source current (IIL, in the DC characteristics)
because of the internal pullup resistors. Port 2 emits the
high-order address byte during fetches from external
program memory and during accesses to external data
memory that use 16-bit addresses (MOVX @DPTR). In this
application it uses strong internal pullup transistors when
issuing 1s. During accesses to external data memory that
use 8-bit addresses (MOVX @Ri), port 2 issues the
contents of the P2 special function register and uses only
the internal pullup resistors.
PSEN
26
O
The Program Store Enable
output is a control signal that enables the external program
memory to the bus during external fetch operations. It is
activated every three oscillator periods except during
external data memory accesses. Remains high during
internal program execution. This pin should not be driven
during reset operation.
ALE
27
O
The Address Latch Enable
output is used for latching the low-byte of the address into
external memory during normal operation. It is activated
every three oscillator periods except during an external data
memory access. When instructions are executed from
internal ROM or OTP (EA=1) the ALE generation can be
disabled by bit EALE in SFR SYSCON.
ALE should not be driven during reset operation.
*) I = Input
O= Output
Table 2
Pin Definitions and Functions (cont’d)
Symbol
Pin Number
I/O
*)
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com