Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SAFC161K Datasheet(PDF) 34 Page - Infineon Technologies AG

Part # SAFC161K
Description  16-Bit Single-Chip Microcontroller
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SAFC161K Datasheet(HTML) 34 Page - Infineon Technologies AG

Back Button SAFC161K Datasheet HTML 30Page - Infineon Technologies AG SAFC161K Datasheet HTML 31Page - Infineon Technologies AG SAFC161K Datasheet HTML 32Page - Infineon Technologies AG SAFC161K Datasheet HTML 33Page - Infineon Technologies AG SAFC161K Datasheet HTML 34Page - Infineon Technologies AG SAFC161K Datasheet HTML 35Page - Infineon Technologies AG SAFC161K Datasheet HTML 36Page - Infineon Technologies AG SAFC161K Datasheet HTML 37Page - Infineon Technologies AG SAFC161K Datasheet HTML 38Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 66 page
background image
C161K
C161O
Data Sheet
30
V2.0, 2001-01
Parameter Interpretation
The parameters listed in the following partly represent the characteristics of the C161K/
O and partly its demands on the system. To aid in interpreting the parameters right, when
evaluating them for a design, they are marked in column “Symbol”:
CC (Controller Characteristics):
The logic of the C161K/O will provide signals with the respective timing characteristics.
SR (System Requirement):
The external system must provide signals with the respective timing characteristics to
the C161K/O.
DC Characteristics (Standard Supply Voltage Range)
(Operating Conditions apply)1)
Parameter
Symbol
Limit Values
Unit Test Condition
min.
max.
Input low voltage (TTL,
all except XTAL1)
VIL SR -0.5
0.2
VDD
- 0.1
V
–
Input low voltage XTAL1
VIL2 SR -0.5
0.3
VDD V
–
Input high voltage (TTL,
all except RSTIN and XTAL1)
VIH SR 0.2 VDD
+ 0.9
VDD +
0.5
V
–
Input high voltage RSTIN
(when operated as input)
VIH1 SR 0.6 VDD VDD +
0.5
V
–
Input high voltage XTAL1
VIH2 SR 0.7 VDD VDD +
0.5
V
–
Output low voltage
(PORT0, PORT1, Port 4, ALE,
RD, WR, BHE, RSTOUT,
RSTIN2))
VOL CC –
0.45
V
IOL = 2.4 mA
Output low voltage
(all other outputs)
VOL1 CC –
0.45
V
IOL = 1.6 mA
Output high voltage3)
(PORT0, PORT1, Port 4, ALE,
RD, WR, BHE, RSTOUT)
VOH CC 2.4
–
V
IOH = -2.4 mA
0.9
VDD –
V
IOH = -0.5 mA
Output high voltage3)
(all other outputs)
VOH1CC 2.4
–
V
IOH = -1.6 mA
0.9
VDD –
V
IOH = -0.5 mA
Input leakage current (Port 5)
IOZ1 CC –
±200
nA
0 V <
VIN < VDD
Input leakage current (all other)
IOZ2 CC –
±500
nA
0.45 V <
VIN < VDD
RSTIN inactive current4)
IRSTH
5)
–
-10
µA
VIN = VIH1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com