Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CFY66 Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # CFY66
Description  HiRel K-Band GaAs Super Low Noise HEMT
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

CFY66 Datasheet(HTML) 6 Page - Infineon Technologies AG

  CFY66 Datasheet HTML 1Page - Infineon Technologies AG CFY66 Datasheet HTML 2Page - Infineon Technologies AG CFY66 Datasheet HTML 3Page - Infineon Technologies AG CFY66 Datasheet HTML 4Page - Infineon Technologies AG CFY66 Datasheet HTML 5Page - Infineon Technologies AG CFY66 Datasheet HTML 6Page - Infineon Technologies AG CFY66 Datasheet HTML 7Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
CFY66
Semiconductor Group
6 of 8
Draft D, September 99
Order Instructions:
Full type variant including quality level must be specified by the orderer. For HiRel Discrete
and Microwave Semiconductors the ordering code specifies device family and quality level
only.
Ordering Form:
Ordering Code: Q..........
CFY66 -(nnl) (ql)
-(nnl)
Noise Figure/Gain and/or Power Level
(ql):
Quality Level
Ordering Example:
Ordering Code: (on request)
CFY66-08P ES
For CFY66, Noise Figure/Gain/Power Level 08P:
NF < 0.8 dB, Ga > 10.0 dB, P1dB > 10 dBm @ 12 GHz
in ESA Space Quality Level
Further Informations:
See our WWW-Pages:
- Discrete and RF-Semiconductors (Small Signal Semiconductors)
www.infineon.com/products/discrete/hirel.htm
- HiRel Discrete and Microwave Semiconductors
www.infineon.com/products/discrete/hirel.htm
Please contact also our marketing division :
Tel.:
++89 234 24480
Fax.:
++89 234 28434
e-mail:
martin.wimmers@infineon.com
Address:
Infineon Technologies Semiconductors,
High Frequency Products Marketing,
P.O.Box 801709,
D-81617 Munich



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com