Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STI400N4F6 Datasheet(PDF) 4 Page - STMicroelectronics

Part # STI400N4F6
Description  N-channel 40 V, 120 A STripFET™ VI DeepGATE™ Power MOSFET in I²PAK and TO-220 packages
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STI400N4F6 Datasheet(HTML) 4 Page - STMicroelectronics

  STI400N4F6 Datasheet HTML 1Page - STMicroelectronics STI400N4F6 Datasheet HTML 2Page - STMicroelectronics STI400N4F6 Datasheet HTML 3Page - STMicroelectronics STI400N4F6 Datasheet HTML 4Page - STMicroelectronics STI400N4F6 Datasheet HTML 5Page - STMicroelectronics STI400N4F6 Datasheet HTML 6Page - STMicroelectronics STI400N4F6 Datasheet HTML 7Page - STMicroelectronics STI400N4F6 Datasheet HTML 8Page - STMicroelectronics STI400N4F6 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Electrical characteristics
STI400N4F6, STP400N4F6
4/11
Doc ID 023434 Rev 1
2
Electrical characteristics
(TCASE = 25 °C unless otherwise specified)
Table 4.
On/off states
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
V(BR)DSS
Drain-source breakdown
voltage (VGS = 0)
ID = 250 µA
40
V
IDSS
Zero gate voltage
Drain current (VGS = 0)
VDS = 40 V
1
µA
VDS = 40 V, TC=125 °C
100
µA
IGSS
Gate-body leakage
current (VDS = 0)
VGS = ± 20 V
± 100
nA
VGS(th)
Gate threshold voltage
VDS = VGS, ID = 250 µA
3
4.5
V
RDS(on)
Static drain-source
on-resistance
VGS = 10 V, ID = 60 A
TBD
1.7
m
Ω
Table 5.
Dynamic
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Ciss
Input capacitance
VDS = 25 V, f = 1 MHz,
VGS = 0
-
20000
-
pF
Coss
Output capacitance
1740
pF
Crss
Reverse transfer
capacitance
1305
pF
Qg
Total gate charge
VDD = 20 V, ID = 120 A,
VGS = 10 V
-
377
-
nC
Qgs
Gate-source charge
TBD
nC
Qgd
Gate-drain charge
TBD
nC
Table 6.
Switching times
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
td(on)
tr
Turn-on delay time
Rise time
VDD = 20 V, ID = 60 A
RG =4.7 Ω VGS = 10 V
-TBD
-
ns
td(off)
tf
Turn-off-delay time
Fall time
-TBD
-
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com