Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STL120N8F7 Datasheet(PDF) 4 Page - STMicroelectronics

Part # STL120N8F7
Description  High avalanche ruggedness
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STL120N8F7 Datasheet(HTML) 4 Page - STMicroelectronics

  STL120N8F7 Datasheet HTML 1Page - STMicroelectronics STL120N8F7 Datasheet HTML 2Page - STMicroelectronics STL120N8F7 Datasheet HTML 3Page - STMicroelectronics STL120N8F7 Datasheet HTML 4Page - STMicroelectronics STL120N8F7 Datasheet HTML 5Page - STMicroelectronics STL120N8F7 Datasheet HTML 6Page - STMicroelectronics STL120N8F7 Datasheet HTML 7Page - STMicroelectronics STL120N8F7 Datasheet HTML 8Page - STMicroelectronics STL120N8F7 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
Electrical characteristics
STL120N8F7
4/14
DocID027246 Rev 2
2
Electrical characteristics
(Tcase = 25 °C unless otherwise specified)
Table 4: Static
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
V(BR)DSS
Drain-source breakdown
voltage
VGS = 0 V, ID = 1 mA
80
V
IDSS
Zero gate voltage drain
current
VGS = 0 V, VDS = 80 V
1
µA
IGSS
Gate-body leakage
current
VDS = 0 V, VGS = 20 V
100
nA
VGS(th)
Gate threshold voltage
VDS = VGS, ID = 250 µA
2
4
V
RDS(on)
Static drain-source on-
resistance
VGS = 10 V, ID = 11.5 A
3.7
4.4
mΩ
Table 5: Dynamic
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Ciss
Input capacitance
VDS = 25 V, f = 1 MHz, VGS = 0 V
-
4570
-
pF
Coss
Output capacitance
-
800
-
Crss
Reverse transfer
capacitance
-
64
-
Qg
Total gate charge
VDD = 40 V, ID = 23 A,
VGS = 10 V (see Figure 14:
"Gate charge test circuit")
-
60
-
nC
Qgs
Gate-source charge
-
24.7
-
Qgd
Gate-drain charge
-
14.8
-
Table 6: Switching times
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
td(on)
Turn-on delay time
VDD = 40 V, ID = 11.5 A
RG = 4.7
Ω, VGS = 10 V (see
Figure 13: "Switching times test
circuit for resistive load" and
Figure 18: "Switching time
waveform")
-
34.5
-
ns
tr
Rise time
-
16.8
-
td(off)
Turn-off delay time
-
60
-
tf
Fall time
-
15.4
-
Table 7: Source-drain diode
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VSD(1)
Forward on voltage
VGS = 0 V, ISD = 23 A
-
1.2
V
trr
Reverse recovery time
ISD = 23 A, di/dt = 100 A/µs,
VDD = 64 V (see Figure 15: "Test
circuit for inductive load
switching and diode recovery
times")
-
48.6
ns
Qrr
Reverse recovery
charge
-
65.6
nC
IRRM
Reverse recovery
current
-
2.7
A
Notes:
(1) Pulse test: pulse duration = 300 µs, duty cycle 1.5%.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com