Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32F303VD Datasheet(PDF) 114 Page - STMicroelectronics

Part # STM32F303VD
Description  Reset and supply management
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F303VD Datasheet(HTML) 114 Page - STMicroelectronics

Back Button STM32F303VD Datasheet HTML 110Page - STMicroelectronics STM32F303VD Datasheet HTML 111Page - STMicroelectronics STM32F303VD Datasheet HTML 112Page - STMicroelectronics STM32F303VD Datasheet HTML 113Page - STMicroelectronics STM32F303VD Datasheet HTML 114Page - STMicroelectronics STM32F303VD Datasheet HTML 115Page - STMicroelectronics STM32F303VD Datasheet HTML 116Page - STMicroelectronics STM32F303VD Datasheet HTML 117Page - STMicroelectronics STM32F303VD Datasheet HTML 118Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 114 / 184 page
background image
Electrical characteristics
STM32F303xD STM32F303xE
114/184
DocID026415 Rev 4
PC Card/CompactFlash controller waveforms and timings
Figure 28 to Figure 33 present the PC Card/Compact Flash controller waveforms, and
Table 56 to Table 57 provide the corresponding timings. The results shown in this table are
obtained with the following FSMC configuration:
•
COM.FMC_SetupTime = 0x04;
•
COM.FMC_WaitSetupTime = 0x07;
•
COM.FMC_HoldSetupTime = 0x04;
•
COM.FMC_HiZSetupTime = 0x05;
•
ATT.FMC_SetupTime = 0x04;
•
ATT.FMC_WaitSetupTime = 0x07;
•
ATT.FMC_HoldSetupTime = 0x04;
•
ATT.FMC_HiZSetupTime = 0x05;
•
IO.FMC_SetupTime = 0x04;
•
IO.FMC_WaitSetupTime = 0x07;
•
IO.FMC_HoldSetupTime = 0x04;
•
IO.FMC_HiZSetupTime = 0x05;
•
TCLRSetupTime = 0;
•
TARSetupTime = 0.
In all timing tables, the THCLK is the HCLK clock period.
Table 55. Synchronous non-multiplexed PSRAM write timings(1)
1. Based on characterization, not tested in production.
Symbol
Parameter
Min
Max
Unit
tw(CLK)
FMC_CLK period
2THCLK-1
-
ns
td(CLKL-NExL)
FMC_CLK low to FMC_NEx low (x=0..2)
-
6
td(CLKH-NExH)
FMC_CLK high to FMC_NEx high
(x= 0…2)
THCLK+1.5
-
td(CLKL-NADVL)
FMC_CLK low to FMC_NADV low
-
7.5
td(CLKL-NADVH)
FMC_CLK low to FMC_NADV high
0
-
td(CLKL-AV)
FMC_CLK low to FMC_Ax valid
(x=16…25)
-
6.5
td(CLKH-AIV)
FMC_CLK high to FMC_Ax invalid
(x=16…25)
0
-
td(CLKL-NWEL)
FMC_CLK low to FMC_NWE low
-
0
td(CLKH-NWEH)
FMC_CLK high to FMC_NWE high
THCLK+2
-
td(CLKL-Data)
FMC_D[15:0] valid data after FMC_CLK
low
-
7.5
td(CLKL-NBLL)
FMC_CLK low to FMC_NBL low
-
7
td(CLKH-NBLH)
FMC_CLK high to FMC_NBL high
THCLK+0.5
-
tsu(NWAIT-CLKH)
FMC_NWAIT valid before FMC_CLK high
2
-
th(CLKH-NWAIT)
FMC_NWAIT valid after FMC_CLK high
4
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com