Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32F303VD Datasheet(PDF) 115 Page - STMicroelectronics

Part # STM32F303VD
Description  Reset and supply management
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F303VD Datasheet(HTML) 115 Page - STMicroelectronics

Back Button STM32F303VD Datasheet HTML 111Page - STMicroelectronics STM32F303VD Datasheet HTML 112Page - STMicroelectronics STM32F303VD Datasheet HTML 113Page - STMicroelectronics STM32F303VD Datasheet HTML 114Page - STMicroelectronics STM32F303VD Datasheet HTML 115Page - STMicroelectronics STM32F303VD Datasheet HTML 116Page - STMicroelectronics STM32F303VD Datasheet HTML 117Page - STMicroelectronics STM32F303VD Datasheet HTML 118Page - STMicroelectronics STM32F303VD Datasheet HTML 119Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 115 / 184 page
background image
DocID026415 Rev 4
115/184
STM32F303xD STM32F303xE
Electrical characteristics
161
Table 56. Switching characteristics for PC Card/CF read and write cycles
in attribute/common space(1)
1. Based on characterization, not tested in production.
Symbol
Parameter
Min
Max
Unit
tv(NCEx-A)
FMC_Ncex low to FMC_Ay valid
-
0
ns
th(NCEx_AI)
FMC_NCEx high to FMC_Ax invalid
2.5
-
td(NREG-NCEx)
FMC_NCEx low to FMC_NREG valid
-
2
th(NCEx-NREG)
FMC_NCEx high to FMC_NREG invalid
0
-
td(NCEx-NWE)
FMC_NCEx low to FMC_NWE low
-
5THCLK+2
tw(NWE)
FMC_NWE low width
8THCLK
8THCLK+0.5
td(NWE_NCEx)
FMC_NWE high to FMC_NCEx high
5THCLK-1
-
tv (NWE-D)
FMC_NWE low to FMC_D[15:0] valid
-
5
th (NWE-D)
FMC_NWE high to FMC_D[15:0] invalid
4THCLK-1
-
td (D-NWE)
FMC_D[15:0] valid before FMC_NWE
high
13THCLK-3
-
td(NCEx-NOE)
FMC_NCEx low to FMC_NOE low
5THCLK+2
tw(NOE)
FMC_NOE low width
8THCLK-1
8THCLK+2
td(NOE_NCEx)
FMC_NOE high to FMC_NCEx high
5THCLK-1
-
tsu (D-NOE)
FMC_D[15:0] valid data before
FMC_NOE high
THCLK+2
-
th(NOE-D)
FMC_N0E high to FMC_D[15:0] invalid
0
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com