| Electronic Components Datasheet Search |
|
STM32F401VE Datasheet(PDF) 59 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F401VE Datasheet(HTML) 59 Page - STMicroelectronics |
|
59 / 135 page ![]() DocID025644 Rev 3 59/135 STM32F401xD STM32F401xE Electrical characteristics 114 Table 12. Current characteristics Symbol Ratings Max. Unit ΣIVDD Total current into sum of all VDD_x power lines (source)(1) 160 mA Σ IVSS Total current out of sum of all VSS_x ground lines (sink)(1) -160 IVDD Maximum current into each VDD_x power line (source)(1) 100 IVSS Maximum current out of each VSS_x ground line (sink)(1) -100 IIO Output current sunk by any I/O and control pin 25 Output current sourced by any I/O and control pin -25 ΣIIO Total output current sunk by sum of all I/O and control pins (2) 120 Total output current sourced by sum of all I/Os and control pins(2) -120 IINJ(PIN) (3) Injected current on FT pins (4) –5/+0 Injected current on NRST and B pins (4) ΣIINJ(PIN) Total injected current (sum of all I/O and control pins)(5) ±25 1. All main power (VDD, VDDA) and ground (VSS, VSSA) pins must always be connected to the external power supply, in the permitted range. 2. This current consumption must be correctly distributed over all I/Os and control pins. The total output current must not be sunk/sourced between two consecutive power supply pins referring to high pin count LQFP packages. 3. Negative injection disturbs the analog performance of the device. See note in Section 6.3.20: 12-bit ADC characteristics. 4. Positive injection is not possible on these I/Os and does not occur for input voltages lower than the specified maximum value. 5. When several inputs are submitted to a current injection, the maximum ΣIINJ(PIN) is the absolute sum of the positive and negative injected currents (instantaneous values). Table 13. Thermal characteristics Symbol Ratings Value Unit TSTG Storage temperature range –65 to +150 °C TJ Maximum junction temperature 125 TLEAD Maximum lead temperature during soldering (WLCSP49, LQFP64/100, UFQFPN48, UFBGA100) see note (1) 1. Compliant with JEDEC Std J-STD-020D (for small body, Sn-Pb or Pb assembly), the ST ECOPACK® 7191395 specification, and the European directive on Restrictions on Hazardous Substances (ROHS directive 2011/65/EU, July 2011). |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |