Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SAFC164SL Datasheet(PDF) 14 Page - Infineon Technologies AG

Part # SAFC164SL
Description  16-Bit Single-Chip Microcontroller
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SAFC164SL Datasheet(HTML) 14 Page - Infineon Technologies AG

Back Button SAFC164SL Datasheet HTML 10Page - Infineon Technologies AG SAFC164SL Datasheet HTML 11Page - Infineon Technologies AG SAFC164SL Datasheet HTML 12Page - Infineon Technologies AG SAFC164SL Datasheet HTML 13Page - Infineon Technologies AG SAFC164SL Datasheet HTML 14Page - Infineon Technologies AG SAFC164SL Datasheet HTML 15Page - Infineon Technologies AG SAFC164SL Datasheet HTML 16Page - Infineon Technologies AG SAFC164SL Datasheet HTML 17Page - Infineon Technologies AG SAFC164SL Datasheet HTML 18Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 79 page
background image
C164CI/SI
C164CL/SL
Data Sheet
10
V2.0, 2001-05
Note: The following behavioural differences must be observed when the bidirectional
reset is active:
• Bit BDRSTEN in register SYSCON cannot be changed after EINIT and is cleared
automatically after a reset.
• The reset indication flags always indicate a long hardware reset.
• The PORT0 configuration is treated as if it were a hardware reset. In particular, the
bootstrap loader may be activated when P0L.4 is low.
• Pin RSTIN may only be connected to external reset devices with an open drain output
driver.
• A short hardware reset is extended to the duration of the internal reset sequence.
P8
P8.0
P8.1
P8.2
P8.3
72
73
74
75
IO
I/O
I
I/O
O
I/O
I
I/O
O
Port 8 is a 4-bit bidirectional I/O port. It is bit-wise
programmable for input or output via direction bits. For a pin
configured as input, the output driver is put into high-
impedance state. Port 8 outputs can be configured as push/
pull or open drain drivers. The input threshold of Port 8 is
selectable (TTL or special). Port 8 pins provide inputs/
outputs for CAPCOM2 and serial interface lines.1)
CC16IO
CAPCOM2: CC16 Capture Inp./Compare Outp.,
CAN1_RxD CAN 1 Receive Data Input
CC17IO
CAPCOM2: CC17 Capture Inp./Compare Outp.,
CAN1_TxD CAN 1 Transmit Data Output
CC18IO
CAPCOM2: CC18 Capture Inp./Compare Outp.,
CAN1_RxD CAN 1 Receive Data Input
CC19IO
CAPCOM2: CC19 Capture Inp./Compare Outp.,
CAN1_TxD CAN 1 Transmit Data Output
VAREF
1
–
Reference voltage for the A/D converter.
VAGND 80
–
Reference ground for the A/D converter.
VDD
7, 21,
40, 53,
61
–
Digital Supply Voltage:
+5 V during normal operation and idle mode.
≥2.5 V during power down mode.
VSS
6, 20,
41, 56,
60
–
Digital Ground.
1) The CAN interface lines are assigned to ports P4 and P8 under software control. Within the CAN module
several assignments can be selected.
Table 2
Pin Definitions and Functions (cont’d)
Symbol Pin
No.
Input
Outp.
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com