Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SAFC164CI Datasheet(PDF) 12 Page - Infineon Technologies AG

Part # SAFC164CI
Description  16-Bit Single-Chip Microcontroller
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SAFC164CI Datasheet(HTML) 12 Page - Infineon Technologies AG

Back Button SAFC164CI Datasheet HTML 8Page - Infineon Technologies AG SAFC164CI Datasheet HTML 9Page - Infineon Technologies AG SAFC164CI Datasheet HTML 10Page - Infineon Technologies AG SAFC164CI Datasheet HTML 11Page - Infineon Technologies AG SAFC164CI Datasheet HTML 12Page - Infineon Technologies AG SAFC164CI Datasheet HTML 13Page - Infineon Technologies AG SAFC164CI Datasheet HTML 14Page - Infineon Technologies AG SAFC164CI Datasheet HTML 15Page - Infineon Technologies AG SAFC164CI Datasheet HTML 16Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 79 page
background image
C164CI/SI
C164CL/SL
Data Sheet
8
V2.0, 2001-05
PORT1
P1L.0-7
P1H.0-7
P1L.0
P1L.1
P1L.2
P1L.3
P1L.4
P1L.5
P1L.6
P1L.7
P1H.0
P1H.1
P1H.2
P1H.3
P1H.4
P1H.5
P1H.6
P1H.7
47-52,
57-59
59,
62-68
47
48
49
50
51
52
57
58
59
62
63
64
65
66
67
68
IO
I/O
O
I/O
O
I/O
O
O
I
I
I
I
I
I
I
I
I/O
I/O
I/O
I/O
PORT1 consists of the two 8-bit bidirectional I/O ports P1L
and P1H. It is bit-wise programmable for input or output via
direction bits. For a pin configured as input, the output driver
is put into high-impedance state. PORT1 is used as the
16-bit address bus (A) in demultiplexed bus modes and also
after switching from a demultiplexed bus mode to a
multiplexed bus mode.
The following PORT1 pins also serve for alt. functions:
CC60
CAPCOM6: Input / Output of Channel 0
COUT60
CAPCOM6: Output of Channel 0
CC61
CAPCOM6: Input / Output of Channel 1
COUT61
CAPCOM6: Output of Channel 1
CC62
CAPCOM6: Input / Output of Channel 2
COUT62
CAPCOM6: Output of Channel 2
COUT63
Output of 10-bit Compare Channel
CTRAP
CAPCOM6: Trap Input
CTRAP is an input pin with an internal pullup resistor. A low
level on this pin switches the compare outputs of the
CAPCOM6 unit to the logic level defined by software.
CC6POS0 CAPCOM6: Position 0 Input, **)
EX0IN
Fast External Interrupt 0 Input
CC6POS1 CAPCOM6: Position 1 Input, **)
EX1IN
Fast External Interrupt 1 Input
CC6POS2 CAPCOM6: Position 2 Input, **)
EX2IN
Fast External Interrupt 2 Input
EX3IN
Fast External Interrupt 3 Input,
T7IN
CAPCOM2: Timer T7 Count Input
CC24IO
CAPCOM2: CC24 Capture Inp./Compare Outp.
CC25IO
CAPCOM2: CC25 Capture Inp./Compare Outp.
CC26IO
CAPCOM2: CC26 Capture Inp./Compare Outp.
CC27IO
CAPCOM2: CC27 Capture Inp./Compare Outp.
Note: The marked (**) input signals are available only in
devices with a full function CAPCOM6.
Table 2
Pin Definitions and Functions (cont’d)
Symbol Pin
No.
Input
Outp.
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com