Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74F139 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 74F139
Description  Dual 1-of-4 Decoder/Demultiplexer
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

74F139 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  74F139 Datasheet HTML 1Page - National Semiconductor (TI) 74F139 Datasheet HTML 2Page - National Semiconductor (TI) 74F139 Datasheet HTML 3Page - National Semiconductor (TI) 74F139 Datasheet HTML 4Page - National Semiconductor (TI) 74F139 Datasheet HTML 5Page - National Semiconductor (TI) 74F139 Datasheet HTML 6Page - National Semiconductor (TI) 74F139 Datasheet HTML 7Page - National Semiconductor (TI) 74F139 Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
TLF9479
November 1994
54F74F139
Dual 1-of-4 DecoderDemultiplexer
General Description
The ’F139 is a high-speed dual 1-of-4 decoderdemultiplex-
er The device has two independent decoders each accept-
ing two inputs and providing four mutually exclusive active
LOW outputs Each decoder has an active LOW Enable in-
put which can be used as a data input for a 4-output demul-
tiplexer Each half of the ’F139 can be used as a function
generator providing all four minterms of two variables
Features
Y
Multifunction capability
Y
Two completely independent 1-of-4 decoders
Y
Active LOW mutually exclusive outputs
Y
Guaranteed 4000V minimum ESD protection
Commercial
Military
Package
Package Description
Number
74F139PC
N16E
16-Lead (0300 Wide) Molded Dual-In-Line
54F139DM (Note 2)
J16A
16-Lead Ceramic Dual-In-Line
74F139SC (Note 1)
M16A
16-Lead (0150 Wide) Molded Small Outline JEDEC
74F139SJ (Note 1)
M16D
16-Lead (0300 Wide) Molded Small Outline EIAJ
54F139FM (Note 2)
W16A
16-Lead Cerpack
54F139LM (Note 2)
E20A
20-Lead Ceramic Leadless Chip Carrier Type C
Note 1
Devices also available in 13
reel Use suffix e SCX and SJX
Note 2
Military grade device with environmental and burn-in processing Use suffix e DMQB FMQB and LMQB
Logic Symbols
Connection Diagrams
TLF9479 – 3
IEEEIEC
TLF9479 – 7
TLF9479 – 4
Pin Assignment
DIP SOIC and Flatpak
TLF9479 – 1
Pin Assignment
for LCC
TLF9479 – 2
TRI-STATE
is a registered trademark of National Semiconductor Corporation
C1995 National Semiconductor Corporation
RRD-B30M75Printed in U S A


Similar Part No. - 74F139

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74F139 PHILIPS-74F139 Datasheet
75Kb / 8P
Dual 1-of-4 decoder/demultiplexer
1990 Feb 23
logo
Fairchild Semiconductor
74F139 FAIRCHILD-74F139 Datasheet
58Kb / 5P
Dual 1-of-4 Decoder/Demultiplexer
74F139 FAIRCHILD-74F139 Datasheet
82Kb / 6P
Dual 1-of-4 Decoder/Demultiplexer
logo
NXP Semiconductors
74F139 NXP-74F139 Datasheet
91Kb / 8P
Dual 1-of-4 decoder/demultiplexer
1990 Feb 23
logo
Fairchild Semiconductor
74F139PC FAIRCHILD-74F139PC Datasheet
58Kb / 5P
Dual 1-of-4 Decoder/Demultiplexer
More results

Similar Description - 74F139

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
SN54LS155 MOTOROLA-SN54LS155 Datasheet
210Kb / 6P
DUAL 1-OF-4 DECODER/ DEMULTIPLEXER
SN54-74LS155 MOTOROLA-SN54-74LS155 Datasheet
78Kb / 4P
DUAL 1-OF-4 DECODER/ DEMULTIPLEXER
logo
NXP Semiconductors
74ALS139 PHILIPS-74ALS139 Datasheet
97Kb / 8P
Dual 1-of-4 decoder/demultiplexer
1991 Feb 08
74F139 PHILIPS-74F139 Datasheet
75Kb / 8P
Dual 1-of-4 decoder/demultiplexer
1990 Feb 23
HEF4555B PHILIPS-HEF4555B Datasheet
36Kb / 4P
Dual 1-of-4 decoder/demultiplexer
January 1995
logo
Fairchild Semiconductor
74AC139 FAIRCHILD-74AC139 Datasheet
98Kb / 9P
Dual 1-of-4 Decoder/Demultiplexer
logo
National Semiconductor ...
74156 NSC-74156 Datasheet
56Kb / 2P
DUAL 1-OF-4 DECODER/DEMULTIPLEXER
logo
KODENSHI_AUK CORP.
KK74HC139A KODENSHI-KK74HC139A Datasheet
222Kb / 6P
Dual 1-of-4 Decoder/Demultiplexer
logo
Fairchild Semiconductor
74AC139SCX FAIRCHILD-74AC139SCX Datasheet
101Kb / 9P
Dual 1-of-4 Decoder/Demultiplexer
logo
ON Semiconductor
74AC139 ONSEMI-74AC139 Datasheet
351Kb / 12P
Dual 1-of-4 Decoder / Demultiplexer
January, 2017 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com