Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV2553 Datasheet(PDF) 22 Page - Texas Instruments

Part # TLV2553
Description  11-Channel, Low-Power, Serial ADC
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV2553 Datasheet(HTML) 22 Page - Texas Instruments

Back Button TLV2553_15 Datasheet HTML 18Page - Texas Instruments TLV2553_15 Datasheet HTML 19Page - Texas Instruments TLV2553_15 Datasheet HTML 20Page - Texas Instruments TLV2553_15 Datasheet HTML 21Page - Texas Instruments TLV2553_15 Datasheet HTML 22Page - Texas Instruments TLV2553_15 Datasheet HTML 23Page - Texas Instruments TLV2553_15 Datasheet HTML 24Page - Texas Instruments TLV2553_15 Datasheet HTML 25Page - Texas Instruments TLV2553_15 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 36 page
background image
TLV2553
SLAS354C – SEPTEMBER 2001 – REVISED SEPTEMBER 2015
www.ti.com
Device Functional Modes (continued)
After the 8-bit data stream has been clocked in, DATA IN should be held at a fixed digital level until EOC goes
high (indicating that the conversion is complete) to maximize the sampling accuracy and minimize the influence
of external digital noise.
8.4.4 Conversion Cycle
A conversion cycle is started only after the I/O cycle is completed, which minimizes the influence of external
digital noise on the accuracy of the conversion. This cycle is transparent to the user because it is controlled by
an internal clock (oscillator). The total conversion time is equal to 13.5 OSC clocks plus a small delay
(approximately Í25 ns) to start the OSC. During the conversion period, the device performs a successive-
approximation conversion on the analog input voltage.
EOC goes low at the start of the conversion cycle and goes high when the conversion is complete and the output
data register is latched. After EOC goes low, the analog input can be changed without affecting the conversion
result. Because the delay from the falling edge of the last I/O CLOCK to the falling edge of EOC is fixed, any
time-varying analog input signals can be digitized at a fixed rate without introducing systematic harmonic
distortion or noise due to timing uncertainty.
8.4.5 Power Up and Initialization
After power up, CS must be taken from high to low to begin an I/O cycle. The EOC pin is initially high, and the
configuration register is set to all zeroes. The contents of the output data register are random, and the first
conversion result should be ignored. To initialize during operation, CS is taken high and is then returned low to
begin the next I/O cycle. The first conversion after the device has returned from the power-down state may not
read accurately due to internal device settling.
Table 1. Operational Terminology
TERMINOLOGY
DESCRIPTION
Current (N) I/O cycle
The entire I/O CLOCK sequence that transfers address and control data into the data register and
clocks the digital result from the previous conversion from DATA OUT.
Current (N) conversion cycle
The conversion cycle starts immediately after the current I/O cycle. The end of the current I/O cycle is
the last clock falling edge in the I/O CLOCK sequence. The current conversion result is loaded into the
output register when conversion is complete.
Current (N) conversion result
The current conversion result is serially shifted out on the next I/O cycle.
Previous (N–1) conversion cycle
The conversion cycle just before the current I/O cycle
Next (N+1) I/O cycle
The I/O period that follows the current conversion cycle
8.4.5.1 Example
In 12-bit mode, the result of the current conversion cycle is a 12-bit serial-data stream clocked out during the
next I/O cycle. The current I/O cycle must be exactly 12 bits long to maintain synchronization, even when this
corrupts the output data from the previous conversion. The current conversion is begun immediately after the
twelfth falling edge of the current I/O cycle.
8.4.6 Data Input
The data input is internally connected to an 8-bit serial-input address and control register. The register defines
the operation of the converter and the output data length. The host provides the input data byte with the MSB
first. Each data bit is clocked in on the rising edge of the I/O CLOCK sequence (see Table 2 for the data input-
register format).
22
Submit Documentation Feedback
Copyright © 2001–2015, Texas Instruments Incorporated
Product Folder Links: TLV2553



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com