Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPD2S017DBVR Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TPD2S017DBVR
Description  2-Channel Ultra-Low Clamp Voltage ESD Solution
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPD2S017DBVR Datasheet(HTML) 5 Page - Texas Instruments

  TPD2S017DBVR Datasheet HTML 1Page - Texas Instruments TPD2S017DBVR Datasheet HTML 2Page - Texas Instruments TPD2S017DBVR Datasheet HTML 3Page - Texas Instruments TPD2S017DBVR Datasheet HTML 4Page - Texas Instruments TPD2S017DBVR Datasheet HTML 5Page - Texas Instruments TPD2S017DBVR Datasheet HTML 6Page - Texas Instruments TPD2S017DBVR Datasheet HTML 7Page - Texas Instruments TPD2S017DBVR Datasheet HTML 8Page - Texas Instruments TPD2S017DBVR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
-60
-55
-50
-45
-40
-35
-30
-25
-20
-15
-10
-5
0
5
0
20
40
60
80
100
120
140
160
180
200
Time (nS)
-5
0
5
10
15
20
25
30
35
40
45
50
0
20
40
60
80
100
120
140
160
180
200
Time (ns)
0.0
0.8
1.6
2.4
3.2
4.0
4.8
5.6
6.4
7.2
8.0
0
5
10
15
20
25
30
35
40
45
50
Time (us)
0
13
26
39
52
65
78
91
104
117
130
Current (A)
Power (W)
-9
-8
-7
-6
-5
-4
-3
-2
-1
0
1.000E+06
1.000E+07
1.000E+08
1.000E+09
1.000E+10
Frequency (Hz)
I/O to I/O
0.0
0.8
1.6
2.4
3.2
4.0
4.8
5.6
6.4
7.2
8.0
0
5
10
15
20
25
30
35
40
45
50
Time (us)
0
13
26
39
52
65
78
91
104
117
130
Current (A)
Power (W)
TPD2S017
www.ti.com
SLLS949B – SEPTEMBER 2009 – REVISED DECEMBER 2015
6.7 Typical Characteristics
Figure 2. Peak Pulse Waveforms
Figure 1. Insertion Loss Data (S21)
Ch1_Out, PUT with respect to GND, VCC = 5 V
Figure 3. Peak Pulse Waveforms
Figure 4. IEC Clamping Waveforms
Ch2_In, PUT with respect to GND, VCC = 5 V
8-kV Contact, 1-GHz Bandwidth
Figure 5. IEC Clamping Waveforms
–8-kV Contact, 1-GHz Bandwidth
Copyright © 2009–2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: TPD2S017



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com