Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STTH1003SBY-TR Datasheet(PDF) 2 Page - STMicroelectronics

Part # STTH1003SBY-TR
Description  Automotive high efficiency rectifier
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH1003SBY-TR Datasheet(HTML) 2 Page - STMicroelectronics

  STTH1003SBY-TR Datasheet HTML 1Page - STMicroelectronics STTH1003SBY-TR Datasheet HTML 2Page - STMicroelectronics STTH1003SBY-TR Datasheet HTML 3Page - STMicroelectronics STTH1003SBY-TR Datasheet HTML 4Page - STMicroelectronics STTH1003SBY-TR Datasheet HTML 5Page - STMicroelectronics STTH1003SBY-TR Datasheet HTML 6Page - STMicroelectronics STTH1003SBY-TR Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Characteristics
STTH1003S-Y
2/7
Doc ID 022517 Rev 1
1
Characteristics
To evaluate the conduction losses use the following equation:
P = 0.86 x IF(AV) + 0.024 IF
2
(RMS))
Table 2.
Absolute ratings (limiting values)
Symbol
Parameter
Value
Unit
VRRM
Repetitive peak reverse voltage
300
V
IF(RMS)
Forward rms current
20
A
IF(AV)
Average forward current
Tc = 150 °C  = 0.5
10
A
IFSM
Surge non repetitive forward current
tp = 10 ms sinusoidal
100
A
IRSM
Non repetitive avalanche current
tp = 20 µs square
4
A
Tstg
Storage temperature range
-65 to + 175
°C
Tj
Operating junction temperature range
-40 to + 175
°C
Table 3.
Thermal resistance
Symbol
Parameter
Value
Unit
Rth(j-c)
Junction to case
4
°C/W
Table 4.
Static electrical characteristics
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
IR
(1)
Reverse leakage current
Tj = 25 °C
VR = VRRM
--
10
µA
Tj = 125 °C
-
10
100
VF
(2)
Forward voltage drop
Tj = 25 °C
IF = 10 A
-
-
1.30
V
Tj = 125 °C
-
0.9
1.1
1.
Pulse test: tp = 5 ms,  < 2%
2.
Pulse test: tp = 380 µs,  < 2%
Table 5.
Recovery characteristics
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
trr
Reverse recovery time
Tj = 25 °C
IF = 0.5 A, Irr = 0.25 A, IR = 1 A
-
13
17
ns
IF = 1A, VR = 30V
dIF/dt = -50 A/µs
-28
35
tfr
Forward recovery time
Tj = 25 °C
IF = 10 A, dIF/dt = 100 A/µs
VFR = 1.1 x VFmax
--
200
ns
VFP
Peak forward voltage
Tj = 25 °C
IF = 10 A, dIF/dt = 100 A/µs
-
2.5
3.5
V
IRM
Reverse recovery current
Tj = 125 °C
IF = 10 A, VCC = 200 V
dIF/dt = 200 A/µs
-5.7
7.5
A
Sfactor
Softness factor
-
0.3
-



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com