Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STTH30AC06CP Datasheet(PDF) 3 Page - STMicroelectronics

Part # STTH30AC06CP
Description  Turbo 2 ultrafast high voltage rectifier
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH30AC06CP Datasheet(HTML) 3 Page - STMicroelectronics

  STTH30AC06CP Datasheet HTML 1Page - STMicroelectronics STTH30AC06CP Datasheet HTML 2Page - STMicroelectronics STTH30AC06CP Datasheet HTML 3Page - STMicroelectronics STTH30AC06CP Datasheet HTML 4Page - STMicroelectronics STTH30AC06CP Datasheet HTML 5Page - STMicroelectronics STTH30AC06CP Datasheet HTML 6Page - STMicroelectronics STTH30AC06CP Datasheet HTML 7Page - STMicroelectronics STTH30AC06CP Datasheet HTML 8Page - STMicroelectronics STTH30AC06CP Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
DocID025011 Rev3
3/13
STTH30AC06C
Characteristics
Table 5. Dynamic characteristics (per diode)
Symbol
Parameter
Test conditions
Min. Typ. Max. Unit
trr
Reverse recovery time
Tj = 25 °C
IF = 0.5 A, Irr = 0.25 A, IR= 1 A
-
30
ns
IF = 1 A, VR = 30 V, dIF/dt = 50 A/µs
-
40
55
IRM
Reverse recovery current
Tj = 125 °C
IF = 15 A, VR = 400 V,
dIF/dt = 100 A/µs
-4
5.5
A
tfr
Forward recovery time
Tj = 25 °C
IF = 15 A, VFR = 1.9 V,
dIF/dt = +100 A/µs
-
100
ns
VFP
Forward recovery voltage
-
2.5
V
Figure 1. Average forward power dissipation
versus average forward current (per diode)
Figure 2. Forward voltage drop versus forward
current (typical values, per diode)
0
5
10
15
20
25
30
0
2
4
6
8
10
12
14161820
PF(AV)(W)
d = 0.05
d = 0.2
d = 0.1
d =1
d = 0.5
T
d=tp/T
tp
IF(AV)(A)
I F (A )
0.1
1.0
10.0
100.0
0.0
0.4
0.8
1.2
1.6
2.0
2.4
2.8
VF(V)
T = 25 °C
j
T = 150°C
j
Figure 3. Forward voltage drop versus forward
current (maximum values, per diode)
Figure 4. Relative variation of thermal
impedance, junction to case, versus pulse
duration (TO3P-3L, TO247 LL)
0.1
1.0
10.0
100.0
0.0
0.4
0.8
1.2
1.6
2.0
2.4
2.8
3.2
VF(V)
T = 25 °C
j
I F (A )
T = 150°C
j
Z th( j-c) /R th( j-c)
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.E-04
1.E-03
1.E-02
1.E-01
1.E+00
TO3P-3L / TO-247 LL
Single pulse
t (s)
P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com