Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STTH30AC06CPF Datasheet(PDF) 2 Page - STMicroelectronics

Part # STTH30AC06CPF
Description  Turbo 2 ultrafast high voltage rectifier
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH30AC06CPF Datasheet(HTML) 2 Page - STMicroelectronics

  STTH30AC06CPF Datasheet HTML 1Page - STMicroelectronics STTH30AC06CPF Datasheet HTML 2Page - STMicroelectronics STTH30AC06CPF Datasheet HTML 3Page - STMicroelectronics STTH30AC06CPF Datasheet HTML 4Page - STMicroelectronics STTH30AC06CPF Datasheet HTML 5Page - STMicroelectronics STTH30AC06CPF Datasheet HTML 6Page - STMicroelectronics STTH30AC06CPF Datasheet HTML 7Page - STMicroelectronics STTH30AC06CPF Datasheet HTML 8Page - STMicroelectronics STTH30AC06CPF Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
Characteristics
STTH30AC06C
2/13
DocID025011 Rev3
1
Characteristics
To evaluate the conduction losses use the following equation:
P = 1.1 x IF(AV) + 0.023 IF
2
(RMS)
Table 2. Absolute ratings (limiting values per diode at 25 °C, unless otherwise specified)
Symbol
Parameter
Value
Unit
VRRM
Repetitive peak reverse voltage
600
V
IF(RMS)
Forward rms current
30
A
IF(AV)
Average forward current
Per diode
15
A
Per device
30
IFSM
Surge non repetitive forward current
tp = 10 ms sinusoidal
140
A
Tstg
Storage temperature range
-65 to +175
°C
Tj
Maximum operating junction temperature
175
°C
Table 3. Thermal parameters
Symbol
Parameter
Value
Unit
Rth(j-c)
Junction to case (TO3P-3L, TO247 LL)
Per diode
1.5
°C/W
Total
0.85
Rth(c)
Coupling (TO3P-3L, TO247 LL)
0.2
Rth(j-c)
Junction to case (TO-3PF)
Per diode
3.5
Total
2.7
Rth(c)
Coupling (TO-3PF)
1.9
Table 4. Static electrical characteristics (per diode)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
IR
(1)
Reverse leakage current
Tj = 25 °C
VR = VRRM
-10
µA
Tj = 150 °C
-
40
400
VF
(2)
Forward voltage drop
Tj = 25 °C
IF = 15 A
-1.95
V
Tj = 150 °C
-
1.15
1.45
Tj = 25 °C
IF = 30 A
-2.25
Tj = 150 °C
-
1.42
1.8
1. Pulse test: tp = 5 ms, δ < 2%
2. Pulse test: tp = 380 µs, δ < 2%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com