Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STTH30AC06CWL Datasheet(PDF) 1 Page - STMicroelectronics

Part # STTH30AC06CWL
Description  Turbo 2 ultrafast high voltage rectifier
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH30AC06CWL Datasheet(HTML) 1 Page - STMicroelectronics

  STTH30AC06CWL Datasheet HTML 1Page - STMicroelectronics STTH30AC06CWL Datasheet HTML 2Page - STMicroelectronics STTH30AC06CWL Datasheet HTML 3Page - STMicroelectronics STTH30AC06CWL Datasheet HTML 4Page - STMicroelectronics STTH30AC06CWL Datasheet HTML 5Page - STMicroelectronics STTH30AC06CWL Datasheet HTML 6Page - STMicroelectronics STTH30AC06CWL Datasheet HTML 7Page - STMicroelectronics STTH30AC06CWL Datasheet HTML 8Page - STMicroelectronics STTH30AC06CWL Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
This is information on a product in full production.
July 2015
DocID025011 Rev3
1/13
13
STTH30AC06C
Turbo 2 ultrafast high voltage rectifier
Datasheet
− production data
Features
• Ultrafast switching
• Low reverse current
• Low thermal resistance
• Reduces switching and conduction losses
• Insulated package TO-3PF:
– Insulated voltage: 2500 VDC
Description
The STTH30AC06C uses ST Turbo 2 600 V
technology. It is suited as boost diode specially for
use in air conditioning equipment as continuous
mode interleaved power factor correction.
Table 1. Device summary
Symbol
Value
IF(AV)
2 x 15A
VRRM
600 V
trr (typ)
40 ns
VF (typ)
1.15 V
Tj
175 °C
www.st.com


Similar Part No. - STTH30AC06CWL

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STTH30AC06 STMICROELECTRONICS-STTH30AC06 Datasheet
376Kb / 10P
Turbo 2 ultrafast high voltage rectifier
23-Feb-2018
STTH30AC06FP STMICROELECTRONICS-STTH30AC06FP Datasheet
376Kb / 10P
Turbo 2 ultrafast high voltage rectifier
23-Feb-2018
STTH30AC06SP STMICROELECTRONICS-STTH30AC06SP Datasheet
376Kb / 10P
Turbo 2 ultrafast high voltage rectifier
23-Feb-2018
More results

Similar Description - STTH30AC06CWL

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STTH1L06 STMICROELECTRONICS-STTH1L06 Datasheet
81Kb / 8P
TURBO 2 ULTRAFAST HIGH VOLTAGE RECTIFIER
Jul-2002
STTH5R06D STMICROELECTRONICS-STTH5R06D Datasheet
135Kb / 8P
TURBO 2 ULTRAFAST HIGH VOLTAGE RECTIFIER
Oct-2002
STTH60L06 STMICROELECTRONICS-STTH60L06 Datasheet
71Kb / 6P
TURBO 2 ULTRAFAST HIGH VOLTAGE RECTIFIER
10-Sep-2004
STTH506 STMICROELECTRONICS-STTH506 Datasheet
128Kb / 9P
Turbo 2 ultrafast - high voltage rectifier
18-May-2006
STTH8L06 STMICROELECTRONICS-STTH8L06_06 Datasheet
156Kb / 10P
Turbo 2 ultrafast high voltage rectifier
10-Aug-2006
STTH8R06 STMICROELECTRONICS-STTH8R06 Datasheet
173Kb / 12P
Turbo 2 ultrafast high voltage rectifier
10-Aug-2006
STTH8006 STMICROELECTRONICS-STTH8006 Datasheet
88Kb / 6P
Turbo 2 ultrafast high voltage rectifier
15-Dec-2006
STTH8S06 STMICROELECTRONICS-STTH8S06 Datasheet
100Kb / 8P
Turbo 2 ultrafast high voltage rectifier
18-Dec-2007
STTH8R06 STMICROELECTRONICS-STTH8R06_08 Datasheet
172Kb / 12P
Turbo 2 ultrafast high voltage rectifier
16-Apr-2008
STTH50W06S STMICROELECTRONICS-STTH50W06S Datasheet
87Kb / 8P
Turbo 2 ultrafast high voltage rectifier
05-Oct-2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com