Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SKSWCGE010 Datasheet(PDF) 1 Page - ALPS ELECTRIC CO.,LTD.

Part # SKSWCGE010
Description  Compact type with height of 0.6mm contributing to thinner product designs
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

SKSWCGE010 Datasheet(HTML) 1 Page - ALPS ELECTRIC CO.,LTD.

  SKSWCGE010 Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. SKSWCGE010 Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. SKSWCGE010 Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
220
220
Compact type with height of 0.6mm contributing to
thinner product designs
3 × 2mm Compact Type with Projection (Surface Mount Type)
SKSW
Number of packages(pcs.)
Tape width
(mm)
Export package
measurements(mm)
1 reel
1 case / Japan 1 case / export packing
20,000
200,000
200,000
12
401×401×214
Circuit Arrangement
■ Typical Specifications
Items
Specifications
Rating(max.)
50mA 12V DC
Rating(min.)
10μA 1V DC
Initial contact resistance
500mΩ max.
Travel(mm)
0.13
Protective structure ※
IP67 equivalent
20,000
Japan
Export
Operating force
Operating life
(5mA 5V DC)
Product No.
■ Product Line
Operating direction
Top push
1.8N
2.4N
3.3N
SKSWCEE010
SKSWCFE010
SKSWCGE010
300,000 cycles
500,000 cycles
300,000 cycles
Dimensions
Unit:mm
PC board mounting hole and land dimensions
(Viewed from switch mounting face)
Style
Packing Specifications
Taping
Reel size
Unit:mm
20,000
Minimum order unit(pcs.)
ø380
13.5
①
②
Refer to P.259 for soldering conditions.
For reels of 330mm diameter, please inquire.
Note
※ Assumes the switch is left alone without being operated. Under the
specified conditions, dust and water ingress with a significant impact on
the switch's on-off function is prevented.
IP67 dust and water resistance is guaranteed for the switch alone and
performance may not be guaranteed depending on the mounting conditions
and usage.
2.7
3.8
3
3.5
1
2
Ø0.85
3.5
3
①
②


Similar Part No. - SKSWCGE010

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
SKSW ALPS-SKSW Datasheet
354Kb / 3P
1.6mm width contributes to thinner devices
SKSWD ALPS-SKSWD Datasheet
200Kb / 1P
TACT Switch Compact Water proof Type
More results

Similar Description - SKSWCGE010

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
SKRR ALPS-SKRR Datasheet
192Kb / 3P
0.6mm Height Low-profile with Long-life (Surface Mount Type)
logo
Omron Electronics LLC
S8VM OMRON-S8VM_13 Datasheet
6Mb / 38P
Power Supply Featuring OMRON?셲 Unique, New Undervoltage Alarm Function with Compact Body Contributing to Machine Downsizing
logo
ALPS ELECTRIC CO.,LTD.
PTMBL1A ALPS-PTMBL1A Datasheet
565Kb / 2P
Contributing to set design flexibility with compact and lightweight mechanisms.
PTMBL1B ALPS-PTMBL1B Datasheet
519Kb / 2P
Contributing to set design flexibility with compact and lightweight mechanisms.
PTMBL1E ALPS-PTMBL1E Datasheet
556Kb / 2P
Contributing to set design flexibility with compact and lightweight mechanisms.
SKRR ALPS-SKRR_15 Datasheet
728Kb / 3P
0.6mm Height Low-profile with Long-life (Surface Mount Type)
SKSV ALPS-SKSV Datasheet
837Kb / 3P
Width of 1.9mm contributes to thinner product designs and greater mounting efficiency
SKTC ALPS-SKTC Datasheet
784Kb / 3P
Compact, double action type with width of 2.2mm
SSAJ ALPS-SSAJ Datasheet
928Kb / 4P
Compact type with 0.7mm body height
SKTA ALPS-SKTA Datasheet
354Kb / 3P
1.6mm width contributes to thinner devices
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com