Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STTH60SW03C Datasheet(PDF) 3 Page - STMicroelectronics

Part # STTH60SW03C
Description  Turbo 2 ultrafast high voltage rectifier
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH60SW03C Datasheet(HTML) 3 Page - STMicroelectronics

  STTH60SW03C Datasheet HTML 1Page - STMicroelectronics STTH60SW03C Datasheet HTML 2Page - STMicroelectronics STTH60SW03C Datasheet HTML 3Page - STMicroelectronics STTH60SW03C Datasheet HTML 4Page - STMicroelectronics STTH60SW03C Datasheet HTML 5Page - STMicroelectronics STTH60SW03C Datasheet HTML 6Page - STMicroelectronics STTH60SW03C Datasheet HTML 7Page - STMicroelectronics STTH60SW03C Datasheet HTML 8Page - STMicroelectronics STTH60SW03C Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
DocID026582 Rev 1
3/9
STTH60SW03C
Characteristics
Table 5. Recovery characteristics (per diode)
Symbol
Parameter
Test conditions
Min. Typ. Max. Unit
trr
Reverse recovery time
Tj = 25 °C
IF = 1A, VR = 30 V,
dIF/dt = -100 A/µs
20
27
ns
IRM
Reverse recovery current
Tj = 125 °C
IF = 30 A, VR = 200 V,
dIF/dt = -200 A/µs
79
A
Qrr
Reverse recovery charge
190
nC
Sfactor Softness factor
0.3
tfr
Forward recovery time
Tj = 25 °C
IF = 30 A, VFR = 1.6 V,
dIF/dt = +400 A/µs
180
ns
VFP
Forward recovery voltage
3.5
5
V
Figure 1. Average forward power dissipation
versus average forward current (per diode)
Figure 2. Forward voltage drop versus forward
current (typical values, per diode)
I(A)
F
0.1
1.0
10.0
100.0
1000.0
0.0
0.5
1.0
1.5
2.0
2.5
3.0
T
j = 150°C
T
j = 25°C
V (V)
F
Figure 3. Forward voltage drop versus forward
current (maximum values, per diode)
Figure 4. Relative variation of thermal
impedance, junction to case, versus pulse
duration
I(A)
F
0.1
1.0
10.0
100.0
1000.0
0.0
0.5
1.0
1.5
2.0
2.5
3.0
T
j = 25°C
T
j = 150°C
V (V)
F
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.E-04
1.E-03
1.E-02
1.E-01
1.E+00
Z
th(j-c)/Rth(j-c)
Single pulse
t(s)
P



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com