Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SKRPADE010 Datasheet(PDF) 1 Page - ALPS ELECTRIC CO.,LTD.

Part # SKRPADE010
Description  High operation force satisfies the needs in automotive applications. Wide stem & good mountability
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

SKRPADE010 Datasheet(HTML) 1 Page - ALPS ELECTRIC CO.,LTD.

  SKRPADE010 Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. SKRPADE010 Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. SKRPADE010 Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
229
229
検
 
出
High operation force satisfies the needs in automotive
applications. Wide stem & good mountability
4.2 × 3.2mm Compact High Operating Force (Surface Mount Type)
SKRP
4,000
Japan
Export
■ Product Line
Operating force
Operating life
(5mA 5V DC)
1.57N
2.55N
4N
100,000 cycles
50,000 cycles
100,000 cycles
Stem color
Natural
Black
Product No.
SKRPABE010
SKRPACE010
SKRPADE010
Top push
Operating direction
3
4
1
2
Dimensions
Unit:mm
PC board land dimensions
(Viewed from switch mounting face)
3.1
5.2
Style
Circuit Diagram
12
34
Packing Specifications
Taping
Reel size
Unit:mm
4,000
Minimum order unit(pcs.)
■ Typical Specifications
Items
Specifications
Rating(max.)
50mA 16V DC
Rating(min.)
10μA 1V DC
Initial contact resistance
500mΩ max.
Travel(mm)
0.2
Number of packages(pcs.)
Tape width
(mm)
Export package
measurements(mm)
1 reel
1 case / Japan 1 case / export packing
4,000
40,000
40,000
12
401×401×214
For reels of 330mm diameter, please inquire.
Note
Refer to P.259 for soldering conditions.


Similar Part No. - SKRPADE010

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
SKRPADE010 ALPS-SKRPADE010 Datasheet
171Kb / 3P
4.2횞3.2mm Compact High Operating Force (Surface Mount Type)
More results

Similar Description - SKRPADE010

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
SKPE ALPS-SKPE Datasheet
190Kb / 3P
Low-profile with High Operation Force (Snap-in Type)
SKPF ALPS-SKPF Datasheet
182Kb / 3P
Long-travel with High Operation Force (Snap-in Type)
SKPG ALPS-SKPG Datasheet
188Kb / 3P
High Operation Force with 5mm Height (Surface Mount Type)
logo
Sanyo Semicon Device
10TPB68MC SANYO-10TPB68MC Datasheet
103Kb / 2P
standard products corresponding to the diversification of the needs
logo
Vishay Siliconix
6KA24_SERIES VISHAY-6KA24_SERIES Datasheet
37Kb / 2P
Disigned for under the good applications
logo
Grayhill, Inc
05001-02 GRAYHILL-05001-02 Datasheet
59Kb / 1P
High Contact Force Provides Stable Electrical and Mechanical Operation
logo
ALPS ELECTRIC CO.,LTD.
SKPF ALPS-SKPF_15 Datasheet
833Kb / 3P
Long-travel with High Operation Force (Snap-in Type)
SKPG ALPS-SKPG_15 Datasheet
869Kb / 3P
High Operation Force with 5mm Height (Surface Mount Type)
SKPR ALPS-SKPR Datasheet
935Kb / 3P
High Operation Force, Low Contact Resistance (Surface Mount Type)
SKSG ALPS-SKSG Datasheet
783Kb / 4P
Heavy-operational and equipped with a 1.4mm tall stem and grounding, meeting in-car needs
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com