Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ECMF04-4HSM10 Datasheet(PDF) 9 Page - STMicroelectronics

Part # ECMF04-4HSM10
Description  Common mode filter with ESD protection for high speed serial interface
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ECMF04-4HSM10 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button ECMF04-4HSM10 Datasheet HTML 5Page - STMicroelectronics ECMF04-4HSM10 Datasheet HTML 6Page - STMicroelectronics ECMF04-4HSM10 Datasheet HTML 7Page - STMicroelectronics ECMF04-4HSM10 Datasheet HTML 8Page - STMicroelectronics ECMF04-4HSM10 Datasheet HTML 9Page - STMicroelectronics ECMF04-4HSM10 Datasheet HTML 10Page - STMicroelectronics ECMF04-4HSM10 Datasheet HTML 11Page - STMicroelectronics ECMF04-4HSM10 Datasheet HTML 12Page - STMicroelectronics ECMF04-4HSM10 Datasheet HTML 13Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
DocID024844 Rev 2
9/13
ECMF04-4HSM10
PCB layout recommendations
13
3
PCB layout recommendations
Figure 16. PCB layout recommendations
Figure 17. PCB stack dimensions
350 µm
350 µm
150 µm
330 µm
5000 µm
Connector
Host
Pad layout
Differential
lanes
(Z0 = 100 )
W
Differential
lanes
(Z0 = 100 )
W
40 µm
105 µm
r = 4.28
ε



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com