Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ESDA7P60-1U1M Datasheet(PDF) 2 Page - STMicroelectronics

Part # ESDA7P60-1U1M
Description  High power transient voltage suppressor
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ESDA7P60-1U1M Datasheet(HTML) 2 Page - STMicroelectronics

  ESDA7P60-1U1M Datasheet HTML 1Page - STMicroelectronics ESDA7P60-1U1M Datasheet HTML 2Page - STMicroelectronics ESDA7P60-1U1M Datasheet HTML 3Page - STMicroelectronics ESDA7P60-1U1M Datasheet HTML 4Page - STMicroelectronics ESDA7P60-1U1M Datasheet HTML 5Page - STMicroelectronics ESDA7P60-1U1M Datasheet HTML 6Page - STMicroelectronics ESDA7P60-1U1M Datasheet HTML 7Page - STMicroelectronics ESDA7P60-1U1M Datasheet HTML 8Page - STMicroelectronics ESDA7P60-1U1M Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Characteristics
ESDA7P60-1U1M
2/10
DocID027044 Rev 3
1
Characteristics
Figure 2. Electrical characteristics (definitions)
Table 1. Absolute maximum ratings (Tamb = 25 °C)
Symbol
Parameter
Value
Unit
VPP
Peak pulse voltage:
IEC 61000-4-2 contact discharge
EC 61000-4-2 air discharge
> 30
> 30
kV
PPP
Peak pulse current (8/20 µs)
700
W
IPP
Peak pulse current (8/20 µs)
60
A
Tstg
Storage temperature range
- 55 to +150
°C
Top
Operating junction temperature range
-55 to +150
°C
Table 2. Electrical characteristics (values, Tamb = 25 °C)
Symbol
Test conditions
Min.
Typ.
Max.
Unit
VBR
IR = 1 mA
6.4
6.8
7.2
V
IRM
VRM = 5 V
200
nA
VCL
IPP = 60 A 8/20 µs
10.2
11.6
V
Rd
8/20 µs
0.06
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com